Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ATTINY2313 Datasheet(PDF) 57 Page - ATMEL Corporation

Part No. ATTINY2313
Description  8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
Download  211 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 57 page
background image
57
ATtiny2313/V
2543C–AVR–12/03
• T0 – Port D, Bit 4
T0: Timer/Counter0 External Counter Clock input is enabled by setting (one) the bits
CS02 and CS01 in the Timer/Counter0 Control Register (TCCR0).
• INT1 – Port D, Bit 3
INT0: External Interrupt Source 0. The PD3 pin can serve as an external interrupt
source to the MCU.
• INT0/XCK/CKOUT – Port D, Bit 2
INT1: External Interrupt Source 1. The PD2 pin can serve as en external interrupt
source to the MCU.
XCK: USART Transfer Clock used only by Synchronous Transfer mode.
CKOUT: System Clock Output
• TXD – Port D, Bit 1
TXD: UART Data Transmitter.
• RXD – Port D, Bit 0
RXD: UART Data Receiver.
Table 30 and Table 31 relates the alternate functions of Port D to the overriding signals
shown in Figure 25 on page 51.
Table 30. Overriding Signals for Alternate Functions PD7..PD4
Signal
Name
PD6/ICP
PD5/OC1B/T1
PD4/T0
PUOE
000
PUOV
000
DDOE
0
0
0
DDOV
0
0
0
PVOE
0
OC1B_PVOE
0
PVOV
0
OC1B_PVOV
0
PTOE
000
DIEOE
ICP ENABLE
T1 ENABLE
T0 ENABLE
DIEOV
111
DI
ICP INPUT
T1 INPUT
T0 INPUT
AIO
––AIN1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT90S44338-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY138-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165P8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA85158-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA328-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA168-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY258-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl