Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ATTINY2313 Datasheet(PDF) 56 Page - ATMEL Corporation

Part No. ATTINY2313
Description  8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
Download  211 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 56 page
background image
56
ATtiny2313/V
2543C–AVR–12/03
Alternate Functions of Port D
The Port D pins with alternate functions are shown in Table 29.
The alternate pin configuration is as follows:
• ICP – Port D, Bit 6
ICP: Timer/Counter1 Input Capture Pin. The PD6 pin can act as an Input Capture pin for
Timer/Counter1
• OC1B/T1 – Port D, Bit 5
OC0B: Output Compare Match B output: The PD5 pin can serve as an external output
for the Timer/Counter0 Output Compare B. The pin has to be configured as an output
(DDB5 set (one)) to serve this function. The OC0B pin is also the output pin for the PWM
mode timer function.
T1: Timer/Counter1 External Counter Clock input is enabled by setting (one) the bits
CS02 and CS01 in the Timer/Counter1 Control Register (TCCR1).
Table 28. Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB3/OC1A/
PCINT3
PB2/OC0A/
PCINT2
PB1/AIN1/
PCINT1
PB0/AIN0/
PCINT0
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
OC1A_PVOE
OC0A_PVOE
0
0
PVOV
OC1A_PVOV
OC0A_PVOV
0
0
PTOE
0
0
0
0
DIEOE
(PCINT3 • PCIE)
(PCINT2 • PCIE)
(PCINT1 • PCIE)
(PCINT0 • PCIE)
DIEOV
1
1
1
1
DI
PCINT7 INPUT
PCINT6 INPUT
PCINT5 INPUT
PCINT4 INPUT
AIO
AIN1
AIN0
Table 29. Port D Pins Alternate Functions
Port Pin
Alternate Function
PD6
ICP
PD5
OC0B/T1
PD4
T0
PD3
INT1
PD2
INT0/XCK/CKOUT
PD1
TXD
PD0
RXD




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT90S44338-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY138-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165P8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA85158-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA328-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA168-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY258-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl