Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ATTINY2313 Datasheet(PDF) 45 Page - ATMEL Corporation

Part No. ATTINY2313
Description  8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
Download  211 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 45 page
background image
45
ATtiny2313/V
2543C–AVR–12/03
The most typical and general program setup for the Reset and Interrupt Vector
Addresses in ATtiny2313 is:
Address
Labels
Code
Comments
0x0000
rjmp
RESET
; Reset Handler
0x0001
rjmp
INT0
; External Interrupt0 Handler
0x0002
rjmp
INT1
; External Interrupt1 Handler
0x0003
rjmp
TIM1_CAPT
; Timer1 Capture Handler
0x0004
rjmp
TIM1_COMPA
; Timer1 CompareA Handler
0x0005
rjmp
TIM1_OVF
; Timer1 Overflow Handler
0x0006
rjmp
TIM0_OVF
; Timer0 Overflow Handler
0x0007
rjmp
USART0_RXC
; USART0 RX Complete Handler
0x0008
rjmp
USART0_DRE
; USART0,UDR Empty Handler
0x0009
rjmp
USART0_TXC
; USART0 TX Complete Handler
0x000A
rjmp
ANA_COMP
; Analog Comparator Handler
0x000B
rjmp
PCINT
; Pin Change Interrupt
0x000C
rjmp
TIMER1_COMPB
; Timer1 Compare B Handler
0x000D
rjmp
TIMER0_COMPA
; Timer0 Compare A Handler
0x000E
rjmp
TIMER0_COMPB
; Timer0 Compare B Handler
0x000F
rjmp
USI_START
; Usi Start Handler
0x0010
rjmp
USI_OVERFLOW
; USI Overflow Handler
0x0011
rjmp
EE_READY
; EEPROM Ready Handler
0x0012
rjmp
WDT_OVERFLOW
; Watchdog Overflow Handler
;
0x0013
RESET:
ldi
r16, low(RAMEND) ; Main program start
0x0014
out
SPL,r16
Set Stack Pointer to top of RAM
0x0015
sei
; Enable interrupts
0x0016
<instr>
xxx
...
...
...
...




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT90S44338-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY138-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165P8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA85158-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA328-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA168-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY258-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl