Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ATTINY2313 Datasheet(PDF) 44 Page - ATMEL Corporation

Part No. ATTINY2313
Description  8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
Download  211 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 44 page
background image
44
ATtiny2313/V
2543C–AVR–12/03
Interrupts
This section describes the specifics of the interrupt handling as performed in
ATtiny2313. For a general explanation of the AVR interrupt handling, refer to “Reset and
Interrupt Handling” on page 11.
Interrupt Vectors in
ATtiny2313
Table 22. Reset and Interrupt Vectors
Vector
No.
Program
Address
Source
Interrupt Definition
1
0x0000
RESET
External Pin, Power-on Reset, Brown-out Reset,
and Watchdog Reset
2
0x0001
INT0
External Interrupt Request 0
3
0x0002
INT1
External Interrupt Request 1
4
0x0003
TIMER1 CAPT
Timer/Counter1 Capture Event
5
0x0004
TIMER1 COMPA
Timer/Counter1 Compare Match A
6
0x0005
TIMER1 OVF
Timer/Counter1 Overflow
7
0x0006
TIMER0 OVF
Timer/Counter0 Overflow
8
0x0007
USART0, RX
USART0, Rx Complete
9
0x0008
USART0, UDRE
USART0 Data Register Empty
10
0x0009
USART0, TX
USART0, Tx Complete
11
0x000A
ANALOG COMP
Analog Comparator
12
0x000B
PCINT
Pin Change Interrupt
13
0x000C
TIMER1 COMPB
Timer/Counter1 Compare Match B
14
0x000D
TIMER0 COMPA
Timer/Counter0 Compare Match A
15
0x000E
TIMER0 COMPB
Timer/Counter0 Compare Match B
16
0x000F
USI START
USI Start Condition
17
0x0010
USI OVERFLOW
USI Overflow
18
0x0011
EE READY
EEPROM Ready
19
0x0012
WDT OVERFLOW
Watchdog Timer Overflow




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT90S44338-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY138-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165P8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA85158-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA328-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA168-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY258-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl