Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA9400 Datasheet(PDF) 61 Page - Micronas

Part # SDA9400
Description  Scan Rate Converter using Embedded DRAM Technology Units
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9400 Datasheet(HTML) 61 Page - Micronas

Back Button SDA9400 Datasheet HTML 57Page - Micronas SDA9400 Datasheet HTML 58Page - Micronas SDA9400 Datasheet HTML 59Page - Micronas SDA9400 Datasheet HTML 60Page - Micronas SDA9400 Datasheet HTML 61Page - Micronas SDA9400 Datasheet HTML 62Page - Micronas SDA9400 Datasheet HTML 63Page - Micronas SDA9400 Datasheet HTML 64Page - Micronas SDA9400 Datasheet HTML 65Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
SDA 9400
Micronas
61
Preliminary Data Sheet
The table below defines the internal expansion factor ZOOM depending on the RMODE, FREQR
and VERINT parameter.
Output write parameter: VERINT
The reachable expansion factors are listed in the table below in case of VDECON=0 and
VDECON=2 (vertical compression of the input signal with factor 1.0 and 1.5).
Examples of reachable expansion factors
1
> 27 MHZ + 10%
off
FREQR
VERINT
RMODE
ZOOM
0
I²C-bus
parameter
0
2*(VERINT+1)
0
I²C-bus
parameter
1(VERINT+1)
1x
0128
1x
164
100/120 Hz
interlaced
RMODE=0
CONV=0
50/60 Hz
progressive
RMODE=1
CONV=0
real vertical
expansion
factor
real vertical
expansion
factor
VERINT
ZOOM
ZOOM
VDECON=0
VDECON=2
63
128
64
1.00
0.75
62
126
63
1.02
0.76
61
124
62
1.03
0.77
60
122
61
1.05
0.79
59
120
60
1.07
0.80
58
118
59
1.08
0.81
57
116
58
1.10
0.83
56
114
57
1.12
0.84
55
112
56
1.14
0.86
54
110
55
1.16
0.87
53
108
54
1.19
0.89
52
106
53
1.21
0.91
51
104
52
1.23
0.92
50
102
51
1.25
0.94
49
100
50
1.28
0.96
48
98
49
1.31
0.98
47
96
48
1.33
1.00
FREQR
X1/CLK2
Vertical expansion


Similar Part No. - SDA9400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA9401 ETC-SDA9401 Datasheet
1Mb / 69P
   Scan Rate Converter using Embedded DRAM Technology Units
logo
Toshiba Semiconductor
SDA9401 TOSHIBA-SDA9401 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - SDA9400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA9401 ETC-SDA9401 Datasheet
1Mb / 69P
   Scan Rate Converter using Embedded DRAM Technology Units
logo
Micronas
SDA9410-B13 MICRONAS-SDA9410-B13 Datasheet
3Mb / 179P
   Display Processor and Scan Rate Converter using Embedded DRAM Technology Units
logo
Siemens Semiconductor G...
SDA9255 SIEMENS-SDA9255 Datasheet
225Kb / 45P
   SRC-Scan Rate Converter SDA9255
logo
Micronas
SDA9415-B13 MICRONAS-SDA9415-B13 Datasheet
3Mb / 185P
   Display Processor and Scan Rate Converter
logo
Texas Instruments
SCANPSC100F TI1-SCANPSC100F Datasheet
573Kb / 28P
[Old version datasheet]   Embedded Boundary Scan Controller
logo
Micronas
VSP9402A MICRONAS-VSP9402A Datasheet
1Mb / 126P
   PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
logo
Mitsubishi Electric Sem...
M65656FP MITSUBISHI-M65656FP Datasheet
1Mb / 5P
   SCAN CONVERTER
M65657FP MITSUBISHI-M65657FP Datasheet
1Mb / 5P
   SCAN CONVERTER
logo
Projects Unlimited, Inc...
AI-4329-P-SP28-R PUI-AI-4329-P-SP28-R Datasheet
219Kb / 1P
   REVISED PULSE RATE UNITS
logo
Sony Corporation
CXD2428Q SONY-CXD2428Q Datasheet
291Kb / 16P
   Video Scan Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com