Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCT90CL-1BENIL-X Datasheet(PDF) 1 Page - Picker Components

Part # PCT90CL-1BENIL-X
Description  30, 40 or 50 Amp Latching PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCT90CL-1BENIL-X Datasheet(HTML) 1 Page - Picker Components

  PCT90CL-1BENIL-X Datasheet HTML 1Page - Picker Components PCT90CL-1BENIL-X Datasheet HTML 2Page - Picker Components PCT90CL-1BENIL-X Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
PCTxL Rev A 7/30/14
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
30, 40 or 50 Amp Latching PCB Relay
PCT90xL
FEATURES
 Energy Saving Latching Operation
 Most Popular Power PCB Relay
 30, 40 or 50 Amp Switching Capacity
 Single Coil Latching
 UL Class F Insulation Standard
 Epoxy Sealed, Immersion Cleanable
 Lead Free and RoHS Compliant
UL/CSA Ratings at 25C
CONTACT DATA
E93379
PCT90EL 50 Amp Version
Voltage
1 Form A
1 Form B
1 Form C (SPDT)
Load Type
(SPST-NO)
(SPST-NC)
NO
NC
Resistive 6,000 Cycles
277 VAC
50 A
50 A
40 A
40 A
Incandescent Lamp 3,000 Cycles
240 VAC
5,000 W
5,000 W
Electronic Ballast 6,000 Cycles
280 VAC
16 A
16 A
Motor Load 3,000 Cycles
277 VAC
5 HP
5 HP
PCT90D 40 Amp Version
Voltage
1 Form A
1 Form B
1 Form C (SPDT)
Load Type
(SPST-NO)
(SPST-NC)
NO
NC
Resistive 6,000 Cycles
277 VAC, 28VDC
40 A
40 A
30 A
30 A
Incandescent Lamp 3,000 Cycles
240 VAC
5,000 W
5,000 W
Electronic Ballast 6,000 Cycles
280 VAC
5 A
5 A
Motor Load 3,000 Cycles
277 VAC
2 HP
2 HP
PCT90C 30 Amp Version
Voltage
1 Form A
1 Form B
1 Form C (SPDT)
Load Type
(SPST-NO)
(SPST-NC)
NO
NC
Resistive 6,000 Cycles
277 VAC, 28VDC
30 A
30 A
25 A
25 A
Incandescent Lamp 3,000 Cycles
240 VAC
5,000 W
5,000 W
Electronic Ballast 6,000 Cycles
280 VAC
5 A
5 A
Motor Load 3,000 Cycles
277 VAC
2 HP
2 HP
Material
AgSnO2
Service Life
Initial Contact Resistance
≤ 20mΩ initial
Electrical
See Contact Data
Maximum Switching Voltage
110VDC 300VAC
Mechanical
1 x 10⁶ Operations
50 A
40 A
30 A
Maximum Switching Power
13,850 VA 1,500 W
11,080 VA 1,200 W
8,310 VA 1,200 W
Maximum Switching Current
50 A
40 A
30 A


Similar Part No. - PCT90CL-1BENIL-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay
More results

Similar Description - PCT90CL-1BENIL-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay
PCT91EL PICKER-PCT91EL Datasheet
574Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay with Spade Contacts
PCT91CL PICKER-PCT91CL_17 Datasheet
817Kb / 3P
   30, 40 or 50 Amp Latching Spade/PC Pins Relay
PC10L-50 PICKER-PC10L-50 Datasheet
459Kb / 2P
   50 Amp Latching PCB Relay
PC10 PICKER-PC10 Datasheet
522Kb / 3P
   50 Amp Latching PCB Relay
PC12 PICKER-PC12 Datasheet
549Kb / 2P
   80 Amp PCB Latching Relay
PC25L-200 PICKER-PC25L-200 Datasheet
426Kb / 2P
   200 Amp Latching PCB Relay
logo
ZETTLER Electronics
AZ2501P1 ZETTLER-AZ2501P1 Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
Picker Components
PC10L-60 PICKER-PC10L-60 Datasheet
458Kb / 2P
   60 Amp Latching PCB Relay
PC9L-60 PICKER-PC9L-60 Datasheet
1Mb / 3P
   60 Amp Latching PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com