Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCH-IF-110 Datasheet(PDF) 1 Page - Picker Components

Part # PCH-IF-110
Description  Heat Sinks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCH-IF-110 Datasheet(HTML) 1 Page - Picker Components

  PCH-IF-110 Datasheet HTML 1Page - Picker Components PCH-IF-110 Datasheet HTML 2Page - Picker Components PCH-IF-110 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS86 6/05/15
1 of 2
Heat Sinks
PCH Series
INTRODUCTION:
Part Number
Dimensions (mm)
Thermal Resistance
Matching SSR
PCH-I-50
50x50x50
2.4°C/W
PCS15: 10 A, 15 A
PCS33: 30 VDC 50 A, 200 VDC 10 A
PCH-H-110
64x110x118
1.1°C/W
PCS15: 20 A, 25 A
PCS33: 400 VDC 10 A, 150 VDC 50 A,100 VDC 20 A,
50 VDC 40 A, 30 VDC 100 A
PCH-H-150
55x142x150
0.6°C/W
PCS15: 40 A
PCS33: 50 VDC 80 A, 100 VDC 40 A, 200 VDC 40 A
PCS34: 40 A, 50 A
PCH-IF-110
(Requires an additional
cooling fan)
80x100x110
————
PCH28: 40 A and Above
PCH34: 60 A and Above
Solid State Relays (SSRs) generate heat while operating primarily from the semiconductor junction of the output switching device. This can be a triac, SCR or
Mosfet. When utilizing an SSR it is important that the heat generated be managed via the use of the proper heat sink or alternative cooling method. Proper
cooling will allow for maximum performance from the SSR. The use of the correct heat sink has a direct influence on the maximum load current that can be
switched and the maximum ambient temperature the SSR can operate in.
Proper installation of a heat sink is just as important for proper heat dissipation. This includes utilizing a thermal transfer pad or thermal conductive grease to
fill the gap between the relay and heat sink and utilizing the proper torque while tightening the screws attaching the SSR to the heat sink.
Recommended Screw Torque is 15 to20 in lbs or 1.7 to 2.2 Nm.
For very high performance applications, air cooling may be required in addition to the heat sink. Failure to manage the dissipation of heat by the SSR during
usage may lead to failure of the SSR in either a short or open output.
See page 3 for Heat Dissipation Calculations, Examples and Tables
E365647


Similar Part No. - PCH-IF-110

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PCH-1 COOPER-PCH-1 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PCH-1 EATON-PCH-1 Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
logo
Cooper Bussmann, Inc.
PCH-1-1 COOPER-PCH-1-1 Datasheet
315Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCH-1-1/2 COOPER-PCH-1-1/2 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
PCH-1/2 COOPER-PCH-1/2 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
More results

Similar Description - PCH-IF-110

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
CTS Corporation
CPR19-19-12U CTS-CPR19-19-12U Datasheet
155Kb / 3P
   Forged Copper Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1041-C2-R0 ATS-ATS-1041-C2-R0 Datasheet
429Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com