Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD2532E Datasheet(PDF) 7 Page - Winbond

Part # ISD2532E
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2532E Datasheet(HTML) 7 Page - Winbond

Back Button ISD2532E Datasheet HTML 3Page - Winbond ISD2532E Datasheet HTML 4Page - Winbond ISD2532E Datasheet HTML 5Page - Winbond ISD2532E Datasheet HTML 6Page - Winbond ISD2532E Datasheet HTML 7Page - Winbond ISD2532E Datasheet HTML 8Page - Winbond ISD2532E Datasheet HTML 9Page - Winbond ISD2532E Datasheet HTML 10Page - Winbond ISD2532E Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
ISD2532/40/48/64
PIN NO.
PIN NAME
SOIC/
PDIP
TSOP
FUNCTION
VCCA, VCCD
16, 28
23, 7
Supply Voltage: To minimize noise, the analog and digital circuits
in the ISD2500 series devices use separate power busses. These
voltage busses are brought out to separate pins and should be tied
together as close to the supply as possible. In addition, these
supplies should be decoupled as close to the package as possible.
MIC
17
24
Microphone: The microphone pin transfers input signal to the on-
chip preamplifier. A built-in Automatic Gain Control (AGC) circuit
controls the gain of this preamplifier from –15 to 24dB. An external
microphone should be AC coupled to this pin via a series capacitor.
The capacitor value, together with the internal 10 KΩ resistance on
this pin, determines the low-frequency cutoff for the ISD2500 series
passband. See Winbond’s Application Information for additional
information on low-frequency cutoff calculation.
MIC REF
18
25
Microphone Reference: The MIC REF input is the inverting input
to the microphone preamplifier. This provides a noise-canceling or
common-mode rejection input to the device when connected to a
differential microphone.
AGC
19
26
Automatic Gain Control: The AGC dynamically adjusts the gain of
the preamplifier to compensate for the wide range of microphone
input levels. The AGC allows the full range of whispers to loud
sounds to be recorded with minimal distortion. The “attack” time is
determined by the time constant of a 5 KΩ internal resistance and
an external capacitor (C2 on the schematic of Figure 5 in section
11) connected from the AGC pin to VSSA analog ground. The
“release” time is determined by the time constant of an external
resistor (R2) and an external capacitor (C2) connected in parallel
between the AGC pin and VSSA analog ground. Nominal values of
470 KΩ and 4.7 µF give satisfactory results in most cases.
ANA IN
20
27
Analog Input: The analog input transfers analog signal to the chip
for recording. For microphone inputs, the ANA OUT pin should be
connected via an external capacitor to the ANA IN pin. This
capacitor value, together with the 3.0 KΩ input impedance of ANA
IN, is selected to give additional cutoff at the low-frequency end of
the voice passband. If the desired input is derived from a source
other than a microphone, the signal can be fed, capacitively
coupled, into the ANA IN pin directly.
Publication Release Date: June 2003
- 7 -
Revision 1.0


Similar Part No. - ISD2532E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2532 ETC1-ISD2532 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
More results

Similar Description - ISD2532E

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD4002 NUVOTON-ISD4002 Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
logo
Winbond
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
List of Unclassifed Man...
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com