Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

172946001 Datasheet(PDF) 11 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 172946001
Description  MagI쨀C Power Module Product Family LDHM - LED Step Down High Current Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

172946001 Datasheet(HTML) 11 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 172946001 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 172946001 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 172946001 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 172946001 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 172946001 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 172946001 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. 172946001 Datasheet HTML 13Page - Wurth Elektronik GmbH & Co. KG, Germany. 172946001 Datasheet HTML 14Page - Wurth Elektronik GmbH & Co. KG, Germany. 172946001 Datasheet HTML 15Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
©2014
Würth Elektronik eiSos GmbH & Co. KG - REV 0.1
PRELIMINARY
11/ 21
172946001
MagI³C Power Module Product Family
LDHM - LED Step Down High Current Module
Minimum Switch On-Time
The on-time of the internal switch should be no shorter than 400 ns. The number of LED (typical forward voltage at
3.2 V) to input voltage is constrained by that as shown in the following table.
No. of LED
1
2
3
4
5
6-16
Max. VIN(V)
10
20
30
40
50
60
Step 2. Layout consideration
The overall performance of the LED driver module highly depends on the PCB layout. Poor board layout can disrupt
the performance of the LED driver module and surrounding circuitry by contributing to EMI, ground bounce and
resistive voltage drop in the traces. These can send incorrect signals to the LED driver module resulting in poor
regulation and stability. Good layout can be implemented by following a few simple design rules.
Place CIN as close as possible to the VIN pin and GND exposed pad (EP).
Place COUT (optional for reduction of LED current ripple and EMI compliance) as close as possible to the
VLED+ pin and VLED- pin.
The exposed pad (EP) must be connected to the GND pin directly.
Step 3. EMI design considerations
From an EMI reduction standpoint, it is imperative to minimize the di/dt current paths (refer to LED driver module
current loops). Therefore, it is essential to connect an 2.2
μF capacitor (COUT) across the LED+ pin and LED- pin. This
will minimize the ripple current so that it can reduce radiated EMI.
LED driver module current loops
29D
CIN
LED+
GND
LED-
Module
Loop 1
Loop 2
VIN
High Power LED String
COUT
di/dt


Similar Part No. - 172946001

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
172946001 ANALOGTECHNOLOGIES-172946001 Datasheet
1Mb / 20P
   MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
V1.0
logo
Wurth Elektronik GmbH &...
172946001 WURTH-172946001 Datasheet
1Mb / 20P
   MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
V1.0
More results

Similar Description - 172946001

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178021501 WURTH-178021501 Datasheet
2Mb / 32P
   MagI쨀C Power Module Product Family VDRM - Variable Step Down Regulator Module
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012401 WURTH-178012401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178050601 WURTH-178050601 Datasheet
1Mb / 25P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
logo
Renesas Technology Corp
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
   15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8210M RENESAS-ISL8210M Datasheet
2Mb / 41P
   10A High Efficiency Step-Down Power Module
Feb 15, 2019
logo
Monolithic Power System...
MPM3530 MPS-MPM3530 Datasheet
1Mb / 20P
   55V, 3A, Step-Down Power Module
logo
Shenzhen Huazhimei Semi...
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
   step-down high-power LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com