Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4020BI Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB4020BI
Description  TUSB4020BI Two-Port USB 2.0 Hub
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4020BI Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB4020BI_15 Datasheet HTML 4Page - Texas Instruments TUSB4020BI_15 Datasheet HTML 5Page - Texas Instruments TUSB4020BI_15 Datasheet HTML 6Page - Texas Instruments TUSB4020BI_15 Datasheet HTML 7Page - Texas Instruments TUSB4020BI_15 Datasheet HTML 8Page - Texas Instruments TUSB4020BI_15 Datasheet HTML 9Page - Texas Instruments TUSB4020BI_15 Datasheet HTML 10Page - Texas Instruments TUSB4020BI_15 Datasheet HTML 11Page - Texas Instruments TUSB4020BI_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
TUSB4020BI
SLLSEI0 – JULY 2015
www.ti.com
7.5 3.3-V I/O Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
OPERATION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage(1)
VDD33
2
VDD33
V
VIL
Low-level input voltage(1)
VDD33
0
0.8
V
VI
Input voltage
0
VDD33
V
VO
Output voltage(2)
0
VDD33
V
tt
Input transition time (trise and tfall)
0
25
ns
0.13 ×
Vhys
Input hysteresis(3)
V
VDD33
VOH
High-level output voltage
VDD33
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
VDD33
IOL = 4 mA
0.4
V
IOZ
High-impedance, output current(2)
VDD33
VI = 0 to VDD33
±20
µA
High-impedance, output current with
IOZP
VDD33
VI = 0 to VDD33
±225
µA
internal pullup or pulldown resistor(4)
II
Input current(5)
VDD33
VI = 0 to VDD33
±15
µA
(1)
Applies to external inputs and bidirectional buffers
(2)
Applies to external outputs and bidirectional buffers
(3)
Applies to GRSTz
(4)
Applies to pins with internal pullups/pulldowns
(5)
Applies to external input buffers
7.6 Hub Input Supply Current
typical values measured at TA = 25°C
VDD33
VDD11
PARAMETER
UNIT
3.3 V
1.1 V
LOW-POWER MODES
Power-on (after reset)
5
39
mA
Disconnect from host
5
39
mA
Suspend
5
39
mA
ACTIVE MODES (US STATE / DS STATE)
2.0 host / 1 HS device active
48
71
mA
2.0 host / 2 HS devices active
60
80
mA
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4020BI


Similar Part No. - TUSB4020BI_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4020BI TI1-TUSB4020BI_16 Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
More results

Similar Description - TUSB4020BI_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4020BI TI1-TUSB4020BI_16 Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
USB-4622 ADVANTECH-USB-4622 Datasheet
188Kb / 1P
   5-port USB 2.0 Hub
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com