Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K1G08U0M-YIB0 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9K1G08U0M-YIB0
Description  128M x 8 Bit NAND Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1G08U0M-YIB0 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9K1G08U0M-YIB0 Datasheet HTML 5Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 6Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 7Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 8Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 9Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 10Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 11Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 12Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
K9K1G08U0M-YCB0, K9K1G08U0M-YIB0
FLASH MEMORY
9
AC Characteristics for Operation
NOTE :
1. The time to Ready depends on the value of the pull-up resistor tied R/ B pin.
2. To break the sequential read cycle, CE must be held high for longer time than tCEH.
3. If reset command(FFh) is written at Ready state, the device goes into Busy for maximum 5us.
Parameter
Symbol
Min
Max
Unit
Data Transfer from Cell to Register
tR
-
12
µs
ALE to RE Delay( ID read )
tAR1
10
-
ns
ALE to RE Delay(Read cycle)
tAR2
50
-
ns
CLE to RE Delay
tCLR
50
-
ns
Ready to RE Low
tRR
20
-
ns
RE Pulse Width
tRP
30
-
ns
WE High to Busy
tWB
-
100
ns
Read Cycle Time
tRC
50
-
ns
RE Access Time
tREA
-
35
ns
RE High to Output Hi-Z
tRHZ
15
30
ns
CE High to Output Hi-Z
tCHZ
-
20
ns
RE High Hold Time
tREH
15
-
ns
Output Hi-Z to RE Low
tIR
0
-
ns
Last RE High to Busy(at sequential read)
tRB
-
100
ns
CE High to Ready(in case of interception by CE at read)
tCRY
-
50 +tr(R/B)(1)
ns
CE Access Time
tCEA
-
45
ns
CE High Hold Time(at the last serial read)(2)
tCEH
100
-
ns
WE High to RE Low
tWHR
60
-
ns
Device Resetting Time(Read/Program/Erase)
tRST
-
5/10/500 (3)
µs
AC Timing Characteristics for Command / Address / Data Input
NOTE : 1. If tCS is set less than 10ns, tWP must be minimum 35ns, otherwise, tWP may be minimum 25ns.
Parameter
Symbol
Min
Max
Unit
CLE setup Time
tCLS
0
-
ns
CLE Hold Time
tCLH
10
-
ns
CE setup Time
tCS
0
-
ns
CE Hold Time
tCH
10
-
ns
WE Pulse Width
tWP
25(1)
-
ns
ALE setup Time
tALS
0
-
ns
ALE Hold Time
tALH
10
-
ns
Data setup Time
tDS
20
-
ns
Data Hold Time
tDH
10
-
ns
Write Cycle Time
tWC
50
-
ns
WE High Hold Time
tWH
15
-
ns


Similar Part No. - K9K1G08U0M-YIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0B SAMSUNG-K9K1G08U0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
More results

Similar Description - K9K1G08U0M-YIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com