Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K1G08U0M-YIB0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K9K1G08U0M-YIB0
Description  128M x 8 Bit NAND Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1G08U0M-YIB0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K9K1G08U0M-YIB0 Datasheet HTML 2Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 3Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 4Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 5Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 6Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 7Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 8Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 9Page - Samsung semiconductor K9K1G08U0M-YIB0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
K9K1G08U0M-YCB0, K9K1G08U0M-YIB0
FLASH MEMORY
6
Pin Description
Command Latch Enable(CLE)
The CLE input controls the path activation for commands sent to the command register. When active high, commands are latched
into the command register through the I/O ports on the rising edge of the WE signal.
Address Latch Enable(ALE)
The ALE input controls the activating path for address to the internal address registers. Addresses are latched on the rising ed ge of
WE with ALE high.
Chip Enable(CE)
The CE input is the device selection control. When CE goes high during a read operation the device is returned to standby mode.
However, when the device is in the busy state during program or erase, CE high is ignored, and does not return the device to
standby mode.
Write Enable(WE)
The WE input controls writes to the I/O port. Commands, address and data are latched on the rising edge of the WE pulse.
The WE must be held high when outputs are activated.
Read Enable(RE)
The RE input is the serial data-out control, and when active drives the data onto the I/O bus. Data is valid tREA after the falling edge
of RE which also increments the internal column address counter by one.
I/O Port : I/O 0 ~ I/O 7
The I/O pins are used to input command, address and data, and to output data during read operations. The I/O pins float to high-z
when the chip is deselected or when the outputs are disabled.
Write Protect(WP)
The WP pin provides inadvertent write/erase protection during power transitions. The internal high voltage generator is reset when
the WP pin is active low.
Ready/Busy(R/B)
The R/ B output indicates the status of the device operation. When low, it indicates that a program, erase or random read operation is
in process and returns to high state upon completion. It is an open drain output and does not float to high-z condition when the chip
is deselected or when outputs are disabled.


Similar Part No. - K9K1G08U0M-YIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0B SAMSUNG-K9K1G08U0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
More results

Similar Description - K9K1G08U0M-YIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com