Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC415-1B-9CF-X Datasheet(PDF) 1 Page - Picker Components

Part # PC415-1B-9CF-X
Description  10 Amp Subminiature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC415-1B-9CF-X Datasheet(HTML) 1 Page - Picker Components

  PC415-1B-9CF-X Datasheet HTML 1Page - Picker Components PC415-1B-9CF-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
PCTxL Rev A 7/30/14
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
10 Amp Subminiature PCB Power Relay
PC415
FEATURES
 10 Amp Continuous Contact Capacity
 1 Form A, 1 Form B and 1 Form C Contact Forms
 Most Popular Package and Footprint
 Class “B” Insulation Standard
 Class “F” Insulation Available
 Popular “Sugar Cube” Footprint
 Sealed, Immersion Cleanable
 Lead Free and RoHS Compliant
E93379
cULus Ratings
Load Type
All Forms, All Contacts
Resistive
10 Amps @ 120 VAC & 28 VDC
7 Amps @ 240 VAC
5 Amps @ 277 VAC
20 Amps @ 14 VDC
General Purpose
10 Amps @ 120 VAC & 28 VDC
7 Amps @ 240 VAC
5 Amps @ 277 VAC
20 Amps @ 14 VDC
Motor
1/3 HP @ 125 VAC / 277 VAC
Contact Data
Max Switching Power
420 W, 2500 VA
Max. Switching Voltage
110 VDC, 380 VAC
Max Switching Current
20 A
Material
AgCdO (Silver Cadmium Oxide)
Initial Contact Resistance
100 milliohms max @ 0.1 A, 6 VDC
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
Ordering Information
Characteristics
Operate Time
Less than 10 ms
Release Time
Less than 5 ms
Insulation Resistance
1,000 megohms min, at 500 VDC, 50% RH
Dielectric Strength
1500 Vrms, 1 min. between coil and contacts
750 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11 ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 10 - 55 Hz
Operating Temperature -55 to 85 ºC
Storage Temperature
-55 to 130 ºC
Weight
9.5 grams
Solderability
235 ºC for 3 seconds
Example: PC415
-1A
-12
S
F
-X
Model: PC415
Contact Form: 1A, 1B, 1C
Coil Voltage: 3, 5, 6, 9, 12, 24, 48
Coil Sensitivity: Nil: 360 mW, B: 450 mW, L: 800 mW
Enclosure: S: Sealed; C: Dust Cover
Insulation System: Nil: Class B, F: Class F
Contact Material: Nil: AgCdO, T: AgSnO, G: AgCdO + Gold
Plate
RoHS Compliant: -X


Similar Part No. - PC415-1B-9CF-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC415 PICKER-PC415 Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
PC4151A-12C PICKER-PC4151A-12C Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
PC4151A-12CF PICKER-PC4151A-12CF Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
PC4151A-12CFG PICKER-PC4151A-12CFG Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
PC4151A-12CFT PICKER-PC4151A-12CFT Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
More results

Similar Description - PC415-1B-9CF-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236 Datasheet
174Kb / 2P
   Subminiature 10 Amp PCB Power Relay
PC415 PICKER-PC415_17 Datasheet
457Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_17 Datasheet
3Mb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_15 Datasheet
542Kb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_14 Datasheet
200Kb / 2P
   Subminiature 10 Amp and 20 Amp PCB Power Relay
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962_15 Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com