Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC520-1C-12S-X Datasheet(PDF) 2 Page - Picker Components

Part # PC520-1C-12S-X
Description  20 Amp Subminiature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC520-1C-12S-X Datasheet(HTML) 2 Page - Picker Components

  PC520-1C-12S-X Datasheet HTML 1Page - Picker Components PC520-1C-12S-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC520 Rev D 11/27/2015
2 of 2
PC520
PC520
DIMENSIONS (mm/inches)
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
CHARACTERISTIC CURVES
COIL DATA
Coil Voltage
(VDC)
Coil Power
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Resistance ohms ± 10%
Rated
Max
360 mW
450 mW
600 mW
3
3.9
25
20
15
2.25
0.3
5
6.5
69
55.6
42
3.75
0.5
6
7.8
100
80
60
4.50
0.6
9
11.7
225
180
135
6.75
0.9
12
15.6
400
320
240
9.00
1.2
24
31.2
1600
1280
960
18.0
2.4
48
62.4
6400
5120
3840
36.0
4.8


Similar Part No. - PC520-1C-12S-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC520 PICKER-PC520 Datasheet
162Kb / 2P
   20 Amp Subminature PCB Power Relay
PC5201A-12C PICKER-PC5201A-12C Datasheet
162Kb / 2P
   20 Amp Subminature PCB Power Relay
PC5201A-12CG PICKER-PC5201A-12CG Datasheet
162Kb / 2P
   20 Amp Subminature PCB Power Relay
PC5201A-12CT PICKER-PC5201A-12CT Datasheet
162Kb / 2P
   20 Amp Subminature PCB Power Relay
PC5201A-12S PICKER-PC5201A-12S Datasheet
162Kb / 2P
   20 Amp Subminature PCB Power Relay
More results

Similar Description - PC520-1C-12S-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC521 PICKER-PC521_17 Datasheet
507Kb / 2P
   20 Amp Subminiature PCB Power Relay
PC521 PICKER-PC521 Datasheet
203Kb / 2P
   20 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_17 Datasheet
855Kb / 2P
   20 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_17 Datasheet
3Mb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_15 Datasheet
542Kb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_14 Datasheet
200Kb / 2P
   Subminiature 10 Amp and 20 Amp PCB Power Relay
logo
ZETTLER Electronics
AZ947 ZETTLER-AZ947 Datasheet
57Kb / 2P
   20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
logo
American Zettler, Inc.
AZ947 AZETTLER-AZ947 Datasheet
174Kb / 2P
   20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
logo
ZETTLER Electronics
AZ947 ZETTLER-AZ947_14 Datasheet
44Kb / 2P
   20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com