Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9554APWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9554APWR
Description  TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9554APWR Datasheet(HTML) 4 Page - Texas Instruments

  TCA9554APWR Datasheet HTML 1Page - Texas Instruments TCA9554APWR Datasheet HTML 2Page - Texas Instruments TCA9554APWR Datasheet HTML 3Page - Texas Instruments TCA9554APWR Datasheet HTML 4Page - Texas Instruments TCA9554APWR Datasheet HTML 5Page - Texas Instruments TCA9554APWR Datasheet HTML 6Page - Texas Instruments TCA9554APWR Datasheet HTML 7Page - Texas Instruments TCA9554APWR Datasheet HTML 8Page - Texas Instruments TCA9554APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TCA9554A
SCPS196D – DECEMBER 2010 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6
V
VI
Input voltage range(2)
–0.5
6
V
VO
Output voltage range(2)
–0.5
6
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0
–20
mA
IIOK
Input/output clamp current
VO < 0 or VO > VCC
±20
mA
IOL
Continuous output low current through a single P-port VO = 0 to VCC
50
mA
Continuous output high current through a single P-
IOH
VO = 0 to VCC
–50
mA
port
Continuous current through GND by all P-ports, INT, and SDA
250
ICC
mA
Continuous current through VCC by all P-ports
–160
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
SCL, SDA
VCC = 1.65 V to 5.5 V
0.7 × VCC
VCC
(1)
VIH
High-level input voltage
VCC = 1.65 V to 2.7 V
0.7 × VCC
5.5
V
A2–A0, P7–P0
VCC = 3.0 V to 5.5 V
0.8 × VCC
5.5
SCL, SDA
VCC = 1.65 V to 5.5 V
–0.5
0.3 × VCC
VIL
Low-level input voltage
VCC = 1.65 V to 2.7 V
–0.5
0.3 × VCC
V
A2–A0, P7–P0
VCC = 3.0 V to 5.5 V
–0.5
0.2 × VCC
IOH
High-level output current
Any P-port, P7–P0
–10
mA
IOL
Low-level output current
Any P-port, P7–P0
25
mA
Continuous current through GND
All P-ports P7-P0, INT, and SDA
200
ICC
mA
Continuous current through VCC
All P-ports P7-P0
–80
TA
Operating free-air temperature
–40
85
°C
(1)
The SCL and SDA pins shall not be at a higher potential than the supply voltage VCC in the application, or an increase in leakage
current, II, will result.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TCA9554A


Similar Part No. - TCA9554APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554APWR TI1-TCA9554APWR Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Similar Description - TCA9554APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com