Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9543APWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9543APWR
Description  TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9543APWR Datasheet(HTML) 3 Page - Texas Instruments

  TCA9543APWR Datasheet HTML 1Page - Texas Instruments TCA9543APWR Datasheet HTML 2Page - Texas Instruments TCA9543APWR Datasheet HTML 3Page - Texas Instruments TCA9543APWR Datasheet HTML 4Page - Texas Instruments TCA9543APWR Datasheet HTML 5Page - Texas Instruments TCA9543APWR Datasheet HTML 6Page - Texas Instruments TCA9543APWR Datasheet HTML 7Page - Texas Instruments TCA9543APWR Datasheet HTML 8Page - Texas Instruments TCA9543APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
D PACKAGE
(TOP VIEW)
A0
A1
RESET
INT0
SD0
SC0
GND
VCC
SDA
SCL
INT
SC1
SD1
INT1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PW PACKAGE
(TOP VIEW)
A0
A1
RESET
INT0
SD0
SC0
GND
1
2
3
4
5
6
7
VCC
SDA
SCL
INT
SC1
SD1
INT1
14
13
12
11
10
9
8
TCA9543A
www.ti.com
SCPS206A – MARCH 2014 – REVISED FEBRUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
NAME
DESCRIPTION
NO.
D, PW
1
A0
Address input 0. Connect directly to VCC or ground.
2
A1
Address input 1. Connect directly to VCC or ground.
3
RESET
Active-low reset input. Connect to VCC or VDPUM
(1) through a pull-up resistor, if not used.
4
INT0
Active-low interrupt input 0. Connect to VDPU0
(1) through a pull-up resistor.
5
SD0
Serial data 0. Connect to VDPU0
(1) through a pull-up resistor.
6
SC0
Serial clock 0. Connect to VDPU0
(1) through a pull-up resistor.
7
GND
Ground
8
INT1
Active-low interrupt input 1. Connect to VDPU1
(1) through a pull-up resistor.
9
SD1
Serial data 1. Connect to VDPU1
(1) through a pull-up resistor.
10
SC1
Serial clock 1. Connect to VDPU1
(1) through a pull-up resistor.
11
INT
Active-low interrupt output. Connect to VDPUM
(1) through a pull-up resistor.
12
SCL
Serial clock line. Connect to VDPUM
(1) through a pull-up resistor.
13
SDA
Serial data line. Connect to VDPUM
(1) through a pull-up resistor.
14
VCC
Supply power
(1)
VDPUX is the pull-up reference voltage for the associated data line. VDPUM is the master I
2C reference voltage while V
DPU0 and VDPU1 are
the slave channel reference voltages.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TCA9543A


Similar Part No. - TCA9543APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
TCA9544APWR TI1-TCA9544APWR Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
TCA9545APWR TI1-TCA9545APWR Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
TCA9546A TI1-TCA9546A Datasheet
982Kb / 31P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
More results

Similar Description - TCA9543APWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Texas Instruments
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com