Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD2532 Datasheet(PDF) 31 Page - Winbond

Part # ISD2532
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2532 Datasheet(HTML) 31 Page - Winbond

Back Button ISD2532 Datasheet HTML 27Page - Winbond ISD2532 Datasheet HTML 28Page - Winbond ISD2532 Datasheet HTML 29Page - Winbond ISD2532 Datasheet HTML 30Page - Winbond ISD2532 Datasheet HTML 31Page - Winbond ISD2532 Datasheet HTML 32Page - Winbond ISD2532 Datasheet HTML 33Page - Winbond ISD2532 Datasheet HTML 34Page - Winbond ISD2532 Datasheet HTML 35Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
ISD2532/40/48/64
TABLE 13: APPLICATION EXAMPLE – BASIC DEVICE CONTROL
Control Step
Function
Action
1
Power up chip and select Record/Playback Mode
1. PD = LOW, 2. P/ R = As desired
2
Set message address for record/playback
Set addresses A0-A8
3A
Begin playback
P/ R = HIGH, CE = Pulse LOW
3B
Begin record
P/ R = LOW, CE = LOW
4A
End playback
Automatic
4B
End record
PD or CE = HIGH
TABLE 14: APPLICATION EXAMPLE – PASSIVE COMPONENT FUNCTIONS
Parts
Function
Comments
R1
Microphone power supply decoupling
Reduces power supply noise
R2
Release time constant
Sets release time for AGC
R3, R5
Microphone biasing resistors
Provides biasing for microphone operation
R4
Series limiting resistor
Reduces level to prevent distortion at
higher supply voltages
R6
Series limiting resistor
Reduces level to high supply voltages
C1, C5
Microphone DC-blocking capacitor Low-
frequency cutoff
Decouples microphone bias from chip.
Provides single-pole low-frequency cutoff
and command mode noise rejection.
C2
Attack/Release time constant
Sets attack/release time for AGC
C3
Low-frequency cutoff capacitor
Provides additional pole for low-frequency
cutoff
C4
Microphone power supply decoupling
Reduces power supply noise
C6, C7, C8
Power supply capacitors
Filter and bypass of power supply
Publication Release Date: June 2003
- 31 -
Revision 1.0


Similar Part No. - ISD2532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2532 ETC1-ISD2532 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
More results

Similar Description - ISD2532

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD4002 NUVOTON-ISD4002 Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
logo
Winbond
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
List of Unclassifed Man...
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com