Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


ISD2532 Datasheet(PDF) 21 Page - Winbond

Part No. ISD2532
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

 21 page
background image
ISD2532/40/48/64
10. ELECTRICAL CHARACTERISTICS
10.1. PARAMETERS FOR PACKAGED PARTS
TABLE 8: DC PARAMETERS – Packaged Parts
PARAMETERS
SYMBOL
MIN
[2]
TYP
[1]
MAX
[2]
UNITS
CONDITIONS
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
0.4
V
IOL = 4.0 mA
Output High Voltage
VOH
VCC - 0.4
V
IOH = -10 µA
OVF
Output High Voltage
VOH1
2.4
V
IOH = -1.6 mA
EOM
Output High Voltage
VOH2
VCC – 1.0
VCC - 0.8
V
IOH = -3.2 mA
VCC Current (Operating)
ICC
25
30
mA
REXT = ∞
[3]
VCC Current (Standby)
ISB
1
10
µA
[3]
Input Leakage Current
IIL
±1
µA
Input Current HIGH w/Pull
Down
IILPD
130
µA
Force VCC
[4]
Output Load Impedance
REXT
16
Speaker Load
Preamp Input Resistance
RMIC
4
9
15
KΩ
MIC and MIC
REF Pins
AUX IN Input Resistance
RAUX
5
11
20
KΩ
ANA IN Input Resistance
RANA IN
2.3
3
5
KΩ
Preamp Gain 1
APRE1
21
24
26
dB
AGC = 0.0V
Preamp Gain 2
APRE2
-15
5
dB
AGC = 2.5V
AUX IN/SP+ Gain
AAUX
0.98
1.0
V/V
ANA IN to SP+/- Gain
AARP
21
23
26
dB
AGC Output Resistance
RAGC
2.5
5
9.5
KΩ
Notes:
[1]
Typical values @ TA = 25º and VCC = 5.0V.
[2]
All Min/Max limits are guaranteed by Winbond via electrical testing or characterization. Not all specifications are 100
percent tested.
[3]
VCCA and VCCD connected together.
[4]
XCLK pin only.
Publication Release Date: June 2003
- 21 -
Revision 1.0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISD1800SINGLE-CHIP SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION 1 2 3 4 5 MoreWinbond
ISD5116Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability 1 2 3 4 5 MoreWinbond
ISD33060Single-Chip Voice Record/Playback Devices 60- 75- 90- and 120-Second Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LPC2141Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP USB 2.0 full-speed device 10-bit ADC and DAC 1 2 3 4 5 MoreNXP Semiconductors
ISD4002Single-Chip Voice Record/Playback Devices 120- 150- 180- and 240-Second Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISD4003Single-Chip Voice Record/Playback Devices 4- 5- 6- and 8-Minute Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISD4004Single-Chip Voice Record/Playback Devices 8- 10- 12- and 16-Minute Durations 1 2 3 4 5 MoreWinbond
ISD5008SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4- 5- 6- AND 8- MINUTE DURATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISP1161A1Universal Serial Bus single-chip host and device controller 1 2 3 4 5 MoreNXP Semiconductors
ISD5100SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY 1 2 3 4 5 MoreWinbond

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl