Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCANPSC100F Datasheet(PDF) 9 Page - Texas Instruments

Part # SCANPSC100F
Description  Embedded Boundary Scan Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANPSC100F Datasheet(HTML) 9 Page - Texas Instruments

Back Button SCANPSC100F Datasheet HTML 5Page - Texas Instruments SCANPSC100F Datasheet HTML 6Page - Texas Instruments SCANPSC100F Datasheet HTML 7Page - Texas Instruments SCANPSC100F Datasheet HTML 8Page - Texas Instruments SCANPSC100F Datasheet HTML 9Page - Texas Instruments SCANPSC100F Datasheet HTML 10Page - Texas Instruments SCANPSC100F Datasheet HTML 11Page - Texas Instruments SCANPSC100F Datasheet HTML 12Page - Texas Instruments SCANPSC100F Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
OBSOLETE
SCANPSC100F
www.ti.com
SNOS134D – SEPTEMBER 1998 – REVISED APRIL 2013
Timing Waveforms (Continued)
Figure 8. Read/Write or Write/Read (best case timing)
Figure 9. Read/Write or Write/Read (worst case timing)
(1)
This diagram shows the timing for a read followed by a write (or write followed by a read). Separate Read and Write
data/address latches and control logic allow consecutive read/write or write/read operations to be overlapped (i.e., do
not need to wait 2 or 3 SCK cycles between bus cycles). For the best case timing scenario (Figure 8: rising edge of
STB to falling edge of SCK greater than ts4), a new bus cycle can be performed each SCK cycle. For the worst timing
scenario (Figure 9: rising edge of STB to falling edge of SCK is less than t s4), a one SCK cycle delay must be
included after each back to back read/write or write/read sequence.
(2)
Figure 6, Figure 7, Figure 8, and Figure 9 assume that the PSC100 register participating in the bus cycle is ready to
accept/provide data. For bus cycles involving a PSC100 shifter/buffer(s), the ready status of a shifter/buffer can be
checked using the status bits in Mode Register 2 prior to the start of the bus cycle. Polling is required when the RDY
pin is not used to provide a processor “handshake”.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SCANPSC100F


Similar Part No. - SCANPSC100F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCANPSC100F FAIRCHILD-SCANPSC100F Datasheet
208Kb / 21P
   Embedded Boundary Scan Controller (IEEE 1149.1 Support)
SCANPSC100FSC FAIRCHILD-SCANPSC100FSC Datasheet
208Kb / 21P
   Embedded Boundary Scan Controller (IEEE 1149.1 Support)
More results

Similar Description - SCANPSC100F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCANPSC100F FAIRCHILD-SCANPSC100F Datasheet
208Kb / 21P
   Embedded Boundary Scan Controller (IEEE 1149.1 Support)
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
701Kb / 13P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090_06 Datasheet
352Kb / 14P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Altera Corporation
EPM3064ATI44-10N ALTERA-EPM3064ATI44-10N Datasheet
715Kb / 46P
   Built?밿n boundary-scan test circuitry compliant with
logo
Monolithic Power System...
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
   Boundary Mode PFC Controller
logo
Monolithic Power System...
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
   Boundary Mode PFC Controller
logo
Texas Instruments
SCAN92LV090 TI1-SCAN92LV090_15 Datasheet
613Kb / 19P
[Old version datasheet]   SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com