Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S3C4530A Datasheet(PDF) 25 Page - Samsung semiconductor

Part No. S3C4530A
Description  16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
Download  432 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C4530A Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button S3C4530A Datasheet HTML 21Page - Samsung semiconductor S3C4530A Datasheet HTML 22Page - Samsung semiconductor S3C4530A Datasheet HTML 23Page - Samsung semiconductor S3C4530A Datasheet HTML 24Page - Samsung semiconductor S3C4530A Datasheet HTML 25Page - Samsung semiconductor S3C4530A Datasheet HTML 26Page - Samsung semiconductor S3C4530A Datasheet HTML 27Page - Samsung semiconductor S3C4530A Datasheet HTML 28Page - Samsung semiconductor S3C4530A Datasheet HTML 29Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 432 page
background image
S3C4530A
PRODUCT OVERVIEW
1-25
Table 1-5. S3C4530A Special Registers (Continued)
Group
Registers
Offset
R/W
Description
Reset/Value
HDLC
HSAR0
0x8024
R/W
HDLC station address 0
0x00006000
Channel B HSAR1
0x8028
R/W
HDLC station address 1
0x00000000
HSAR2
0x802C
R/W
HDLC station address 2
0x00000000
HSAR3
0x8030
R
HDLC station address 3
0x00000000
HMASK
0x8034
R
HDLC mask register
0x00000000
HDMATxPTR
0x8038
R
DMA Tx buffer descriptor pointer
0x00000000
HDMARxPTR
0x803C
R/W
DMA Rx buffer descriptor pointer
0x00000000
HMFLR
0x8040
R/W
Maximum frame length register
0x00000000
HRBSR
0x8044
R/W
DMA receive buffer size register
0x00000000
HSYNC
0x8048
R/W
HDLC Sync Register
0x7E
TCON
0x804C
R/W
Transparent Control Register
0x00000000
I/O Ports
IOPMOD
0x5000
R/W
I/O port mode register
0x00000000
IOPCON
0x5004
R/W
I/O port control register
0x00000000
IOPDATA
0x5008
R/W
Input port data register
0x00000000
Interrupt
INTMOD
0x4000
R/W
Interrupt mode register
Undefined
Controller
INTPND
0x4004
R/W
Interrupt pending register
0x00000000
INTMSK
0x4008
R/W
Interrupt mask register
0x00000000
INTPRI0
0x400C
R/W
Interrupt priority register 0
0x003FFFFF
INTPRI1
0x4010
R/W
Interrupt priority register 1
0x07060504
INTPRI2
0x4014
R/W
Interrupt priority register 2
0x0B0A0908
INTPRI3
0x4018
R/W
Interrupt priority register 3
0x0F0E0D0C
INTPRI4
0x401C
R/W
Interrupt priority register 4
0x13121110
INTPRI5
0x4020
R/W
Interrupt priority register 5
0x00000014
INTOFFSET
0x4024
R
Interrupt offset address register
0x00000054
INTOSET_FIQ
0x4030
R
FIQ interrupt offset register
0x00000054
INTOSET_IRQ
0x4034
R
IRQ interrupt offset register
0x00000054
I
2C Bus
IICCON
0XF000
R/W
I
2C bus control status register
0x00000054
IICBUF
0xF004
R/W
I
2C bus shift buffer register
Undefined
IICPS
0xF008
R/W
I
2C bus prescaler register
0x00000000
IICCOUNT
0xF00C
R
I
2C bus prescaler counter register
0x00000000
GDMA
GDMACON0
0xB000
R/W
GDMA channel 0 control register
0x00000000
GDMACON1
0xC000
R/W
GDMA channel 1 control register
0x00000000
GDMASRC0
0xB004
R/W
GDMA source address register 0
Undefined
GDMADST0
0xB008
R/W
GDMA destination address register 0
Undefined


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn