Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS5035-901-2S Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # PCS5035-901-2S
Description  PCS5035 Quintet Precision Current Sources Built-In Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PCS5035-901-2S Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  PCS5035-901-2S Datasheet HTML 1Page - Aeroflex Circuit Technology PCS5035-901-2S Datasheet HTML 2Page - Aeroflex Circuit Technology PCS5035-901-2S Datasheet HTML 3Page - Aeroflex Circuit Technology PCS5035-901-2S Datasheet HTML 4Page - Aeroflex Circuit Technology PCS5035-901-2S Datasheet HTML 5Page - Aeroflex Circuit Technology PCS5035-901-2S Datasheet HTML 6Page - Aeroflex Circuit Technology PCS5035-901-2S Datasheet HTML 7Page - Aeroflex Circuit Technology PCS5035-901-2S Datasheet HTML 8Page - Aeroflex Circuit Technology PCS5035-901-2S Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SCD5035 Rev J 10/22/2014
Aeroflex Plainview
IOUT/VIN_1
VOUT_1
I = 80µA
I = 80µA
I = 80µA
+
-
I = 80µA
+
-
I = 80µA
+
-
VOUT_2
VOUT_3
VOUT_4
VOUT_5
Comp_Ref
VCC
Enable
BGOUT
GND
+
-
+
-
10K
10K
10K
10K
10K
FIGURE 1 – Schematic Diagram
IOUT/VIN_2
IOUT/VIN_3
IOUT/VIN_4
IOUT/VIN_5
13
14
15
16
12
17
1,18
2
3
4
5
6
8
11
9,10
Precision
2 Volt
Reference
7
CASE GND


Similar Part No. - PCS5035-901-2S

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
   DC OutPut Compact Solid State Relay
PCS53 PICKER-PCS53 Datasheet
1Mb / 3P
   DC Input Compact Solid State Relay
PCS55 PICKER-PCS55 Datasheet
615Kb / 3P
   AC Output Solid State Relay/Output Module
logo
Allied Components Inter...
PCS5D18 ALLIED-PCS5D18 Datasheet
363Kb / 1P
   Power Chip Shielded Inductors
PCS5D18-100T-RC ALLIED-PCS5D18-100T-RC Datasheet
360Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS5035-901-2S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
   1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
logo
Renesas Technology Corp
ISL70591SEH RENESAS-ISL70591SEH Datasheet
790Kb / 23P
   Radiation Hardened 100μA and 1mA Precision Current Sources
Aug 30, 2018
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
   Built-in high-precision voltage detection circuit built-in MOSFET
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900 Datasheet
102Kb / 8P
   Precision Quad Comparators
September 1998
HA-4900 INTERSIL-HA-4900_05 Datasheet
235Kb / 8P
   Precision Quad Comparators
logo
Renesas Technology Corp
HA-4900 RENESAS-HA-4900 Datasheet
578Kb / 10P
   Precision Quad Comparators
logo
NEC
UPC271C NEC-UPC271C Datasheet
115Kb / 2P
   Precision Voltage Comparators
UPC311 NEC-UPC311 Datasheet
358Kb / 10P
   PRECISION VOLTAGE COMPARATORS
logo
Intersil Corporation
HA1-4900-2 INTERSIL-HA1-4900-2 Datasheet
232Kb / 10P
   Precision Quad Comparators
June 28, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com