Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS1200B Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # FS1200B
Description  Fast Switching Synthesizer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS1200B Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  FS1200B Datasheet HTML 1Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 2Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 3Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 4Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 5Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SIGNAL & CONTROL SOLUTIONS
Phone: (732) 460-0212, Fax: (732) 460-0214
www.aeroflex.com/ascs, email: ascs-sales@aeroflex.com
Revision Date: 8/21/2013
FS1200B Series
Fast Switching Synthesizer
Supports hundreds of fast switching, high spectral purity applications.
Features:
<100 microsecond switching speed
• Low phase noise: -128 dBc/Hz
• 1 Hz resolution
• Low spurious
• BCD/GPIB interface
Description:
Measuring
and
evaluating
todays
wireless
sys-
tems and system components is a challenging task.
The performance specifications of these systems are
extremely diverse and include many analog, digit-
al and complex modulation schemes over a wide
frequency range.
FastSource™
products
from
Aeroflex
includ-
ing Synthesized Sources, IQ Vector Modulators,
and AWGs have been designed to meet these
challenges.
The
FastSource™1200
synthesizer
covers
the
frequency range of 4.5 MHz to 6.0 GHz with a switching
speed of less than 100 µsec; spurious levels are typically
less than -70 dBc and phase noise at 2 GHz is typically less
than -123 dBc/Hz at 10 kHz offset.
The FastSource™1200 is 30 times faster and 10 times
cleaner than the nearest competitor.
The FastSource™1200 is built from a set of
“standard” RF modules interfaced to a common mother
board. Modules can be changed without any adjustments
thereby simplifying maintenance, logistics and reducing
downtime.
Statistical MTBF exceeds 12000 hours.
The FastSource™1200 product line supports high speed
testing of not only wireless communications systems
and components but also mobile network devices and
Bluetooth enabled products.
It is ideally suited for customers in the OEM ATE
market place where processing speed and throughput are
paramount.


Similar Part No. - FS1200B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS120-01 ETC2-FS120-01 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
FS120-01 TRIAD-FS120-01 Datasheet
134Kb / 1P
   PC MOUNT : SPLIT PACK
logo
List of Unclassifed Man...
FS120-02 ETC2-FS120-02 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
FS120-02 TRIAD-FS120-02 Datasheet
88Kb / 1P
   PC MOUNT : SPLIT PACK
logo
List of Unclassifed Man...
FS120-05 ETC2-FS120-05 Datasheet
136Kb / 2P
   Power Transformers
More results

Similar Description - FS1200B

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPLL-E BOWEI-MPLL-E Datasheet
105Kb / 1P
   Fast Switching Synthesizer
logo
Aeroflex Circuit Techno...
FS1000 AEROFLEX-FS1000 Datasheet
310Kb / 4P
   Fast Switching Synthesizer
FS2000 AEROFLEX-FS2000 Datasheet
2Mb / 8P
   Fast Switching Synthesizer
FS5000 AEROFLEX-FS5000 Datasheet
1,018Kb / 6P
   Fast Switching Synthesizer
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
   FAST SETTLING SYNTHESIZER
logo
NXP Semiconductors
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
   Fast radio tuning PLL frequency synthesizer
1995 Nov 23
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
   Fast Switching
logo
Inchange Semiconductor ...
20N15 ISC-20N15 Datasheet
49Kb / 2P
   Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
   Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
   Fast Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com