Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRS4485-201-1S Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # DRS4485-201-1S
Description  DRS4485 Dual RS485 Interface Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

DRS4485-201-1S Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

  DRS4485-201-1S Datasheet HTML 1Page - Aeroflex Circuit Technology DRS4485-201-1S Datasheet HTML 2Page - Aeroflex Circuit Technology DRS4485-201-1S Datasheet HTML 3Page - Aeroflex Circuit Technology DRS4485-201-1S Datasheet HTML 4Page - Aeroflex Circuit Technology DRS4485-201-1S Datasheet HTML 5Page - Aeroflex Circuit Technology DRS4485-201-1S Datasheet HTML 6Page - Aeroflex Circuit Technology DRS4485-201-1S Datasheet HTML 7Page - Aeroflex Circuit Technology DRS4485-201-1S Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
www. ae r o f l ex .c om/Hi R el
i n f o -a ms @ a er o f l e x. co m
Aeroflex Plainview, Inc. reserves the right to make changes to any products and
services described herein at any time without notice. Consult Aeroflex or an authorized
sales representative to verify that the information in this data sheet is current before
using this product. Aeroflex does not assume any responsibility or liability arising out
of the application or use of any product or service described herein, except as expressly
agreed to in writing by Aeroflex; nor does the purchase, lease, or use of a product or
service from Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
EXPORT CONTROL:
This product is controlled for export under the U.S. Department of Commerce (DoC). A license may be required prior to the export
of this product from the United States.
Our passion for performance is defined by three attributes.
Solution-Minded
Performance-Driven
Customer-Focused
Datasheet Definitions:
Advanced
Product in Development
Preliminary
Shipping Non-Flight Prototypes
Datasheet
Shipping QML and Reduced HiRel
SCD4485 Rev G 12/5/14
ORDERING INFORMATION
Model
DLA SMD #
Screening
Case
DRS4485-7
-
Commercial Flow, +25°C testing only
Flat Pack
DRS4485-S
-
Military Temperature, -55°C to +125°C
Screened in accordance with the individual Test Methods
of MIL-STD-883 for Space Applications
DRS4485-201-1S
5962-0922601KXC
In accordance with DLA SMD
DRS4485-201-2S
5962-0922601KXA
DRS4485-901-1S
5962R0922601KXC
In accordance with DLA Certified RHA Program Plan to
RHA Level "R", 100krad(Si)
DRS4485-901-2S
5962R0922601KXA


Similar Part No. - DRS4485-201-1S

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRS4 CRYDOM-DRS4 Datasheet
1Mb / 6P
   DIN rail mount
logo
List of Unclassifed Man...
DRS4010 ETC2-DRS4010 Datasheet
51Kb / 1P
   Subminiature Code Switches
DRS4010 ETC2-DRS4010 Datasheet
217Kb / 2P
   Subminiature Rotary Coded Switches
DRS4016 ETC2-DRS4016 Datasheet
51Kb / 1P
   Subminiature Code Switches
DRS4016 ETC2-DRS4016 Datasheet
217Kb / 2P
   Subminiature Rotary Coded Switches
More results

Similar Description - DRS4485-201-1S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC485 LINER-LTC485_06 Datasheet
282Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485IS8 LINER-LTC485IS8 Datasheet
294Kb / 14P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_15 Datasheet
308Kb / 14P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_15 Datasheet
267Kb / 18P
   Isolated RS485 Transceiver
logo
MORNSUN Science& Techno...
TD312P485 MORNSUN-TD312P485 Datasheet
338Kb / 3P
   DUAL LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com