Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7320FCDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7320FCDR
Description  Robust EMC, Low Power, Dual-Channel Digital Isolators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7320FCDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7320FCDR Datasheet HTML 6Page - Texas Instruments ISO7320FCDR Datasheet HTML 7Page - Texas Instruments ISO7320FCDR Datasheet HTML 8Page - Texas Instruments ISO7320FCDR Datasheet HTML 9Page - Texas Instruments ISO7320FCDR Datasheet HTML 10Page - Texas Instruments ISO7320FCDR Datasheet HTML 11Page - Texas Instruments ISO7320FCDR Datasheet HTML 12Page - Texas Instruments ISO7320FCDR Datasheet HTML 13Page - Texas Instruments ISO7320FCDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
OSC
PWM
VREF
LPF
VREF
DCL
OUT
IN
0
1 S
Isolation Barrier
Low ± Frequency
Channel
(DC...100 kbps)
High ± Frequency
Channel
(100 kbps ...25 Mbps )
Polarity and
Threshold Selection
Polarity and Threshold Selection
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
8 Detailed Description
8.1 Overview
The isolator in Figure 14 is based on a capacitive isolation barrier technique. The I/O channel of the device
consists of two internal data channels, a high-frequency (HF) channel with a bandwidth from 100 kbps up to 25
Mbps, and a low-frequency (LF) channel covering the range from 100 kbps down to DC.
In principle, a single-ended input signal entering the HF channel is split into a differential signal via the inverter
gate at the input. The following capacitor-resistor networks differentiate the signal into transient pulses, which
then are converted into CMOS levels by a comparator. The transient pulses at the input of the comparator can
be either above or below the common mode voltage VREF depending on whether the input bit transitioned from
0 to 1 or 1 to 0. The comparator threshold is adjusted based on the expected bit transition. A decision logic
(DCL) at the output of the HF channel comparator measures the durations between signal transients. If the
duration between two consecutive transients exceeds a certain time limit, (as in the case of a low-frequency
signal), the DCL forces the output-multiplexer to switch from the high-frequency to the low-frequency channel.
8.2 Functional Block Diagram
Figure 14. Conceptual Block Diagram of a Digital Capacitive Isolator
Because low-frequency input signals require the internal capacitors to assume prohibitively large values, these
signals are pulse-width modulated (PWM) with the carrier frequency of an internal oscillator, thus creating a
sufficiently high frequency, capable of passing the capacitive barrier. As the input is modulated, a low-pass filter
(LPF) is needed to remove the high-frequency carrier from the actual data before passing it on to the output
multiplexer.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7320C ISO7320FC ISO7321C ISO7321FC


Similar Part No. - ISO7320FCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7320FCQDQ1 TI1-ISO7320FCQDQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320FCQDRQ1 TI1-ISO7320FCQDRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Robust EMC, Low Power, Dual-Channel Digital Isolators
More results

Similar Description - ISO7320FCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320 TI-ISO7320_15 Datasheet
1Mb / 26P
[Old version datasheet]   ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7320-Q1 TI-ISO7320-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   ISO732x-Q1 Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7342FC TI-ISO7342FC_15 Datasheet
1Mb / 34P
[Old version datasheet]   ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7340-Q1 TI1-ISO7340-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7340C TI-ISO7340C_15 Datasheet
1Mb / 34P
[Old version datasheet]   ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7342-Q1 TI-ISO7342-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com