Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS215 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS215
Description  HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS215 Datasheet(HTML) 9 Page - Texas Instruments

Back Button HD3SS215 Datasheet HTML 5Page - Texas Instruments HD3SS215 Datasheet HTML 6Page - Texas Instruments HD3SS215 Datasheet HTML 7Page - Texas Instruments HD3SS215 Datasheet HTML 8Page - Texas Instruments HD3SS215 Datasheet HTML 9Page - Texas Instruments HD3SS215 Datasheet HTML 10Page - Texas Instruments HD3SS215 Datasheet HTML 11Page - Texas Instruments HD3SS215 Datasheet HTML 12Page - Texas Instruments HD3SS215 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Dx_SEL
VOUT
90%
10%
50%
Ton
Toff
HD3SS215, HD3SS215I
www.ti.com
SLAS971C – MAY 2014 – REVISED AUGUST 2015
7.6 Electrical Characteristics, Device Parameters
(1)
Under recommended operating conditions; RLOAD, RSC = 50 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.35 GHz
–15
ZQE package
3 GHz
–12
RL
Dx Differential return loss
dB
1.35 GHz
–17
RTQ package
3 GHz
–13
ZQE package
–35
XTALK
Dx Differential crosstalk
2.7 GHz
dB
RTQ package
–35
ZQE package
–21
OIRR
Dx Differential off-isolation
3 GHz
dB
RTQ package
–16
f = 1.35 GHz
–1.2
ZQE package
dB
f = 3 GHz
–1.6
IL
Dx Differential insertion loss
f = 1.35 GHz
–2
RTQ package
dB
f = 3 GHz
–2.4
ZQE package
7
BWDx
Dx Differential -3-dB bandwidth
GHz
RTQ package
5
BWAUX
AUX –3-dB bandwidth
720
MHz
(1)
For Return Loss, Crosstalk, Off-Isolation, and Insertion Loss values the data was collected on a Rogers material board with minimum
length traces on the input and output of the device under test.
7.7 Switching Characteristics
Under recommended operating conditions; RLOAD, RSC = 50 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RSC and RLOAD = 50 Ω,
tPD
Switch propagation delay
200
ps
See Figure 2
Time from OE toggling High and valid data at the
ton(OE_L-H)
1
2
outputs
RSC and RLOAD = 50 Ω,
µs
VCM = 3 V - 3.3 V
Time from OE toggling Low and outputs are in Z-
toff(OE_H-L)
15
50
state
Time to switch between ports when DX_SEL or
RSC and RLOAD = 50 Ω,
tSWITCH_OVER
AUX_SEL state is changed for Data, AUX, DDC
0.7
1
µs
See Figure 1
signals
ton
Dx_SEL/AUX_SEL-to-Switch ton (HPD)
0.7
1
RLOAD = 125k Ω, See Figure 1
µs
toff
Dx_SEL/AUX_SEL-to-Switch toff (HPD)
0.7
20
tSK(O)
Inter-Pair output skew (CH-CH)
30
RSC and RLOAD = 50 Ω,
ps
See Figure 2
tSK(b-b)
Intra-Pair output skew (bit-bit)
1
5
7.8 Timing Diagrams
Figure 1. Select to Switch ton and toff
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: HD3SS215


Similar Part No. - HD3SS215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215I TI1-HD3SS215I Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215I TI-HD3SS215I Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215IRTQR TI1-HD3SS215IRTQR Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com