Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY13 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 19Page - ATMEL Corporation ATTINY13 Datasheet HTML 20Page - ATMEL Corporation ATTINY13 Datasheet HTML 21Page - ATMEL Corporation ATTINY13 Datasheet HTML 22Page - ATMEL Corporation ATTINY13 Datasheet HTML 23Page - ATMEL Corporation ATTINY13 Datasheet HTML 24Page - ATMEL Corporation ATTINY13 Datasheet HTML 25Page - ATMEL Corporation ATTINY13 Datasheet HTML 26Page - ATMEL Corporation ATTINY13 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 169 page
background image
23
ATtiny13
2535B–AVR–01/04
write may fail. Note that the Oscillator is intended for calibration to 9.6 MHz or 4.8 MHz.
Tuning to other values is not guaranteed, as indicated in Table 6.
Avoid changing the calibration value in large steps when calibrating the calibrated inter-
nal RC Oscillator to ensure stable operation of the MCU. A variation in frequency of
more than 2% from one cycle to the next can lead to unpredictable behavior. Changes in
OSCCAL should not exceed 0x20 for each calibration.
External Clock
To drive the device from an external clock source, CLKI should be driven as shown in
Figure 12. To run the device on an external clock, the CKSEL Fuses must be pro-
grammed to “00”.
Figure 12. External Clock Drive Configuration
When this clock source is selected, start-up times are determined by the SUT Fuses as
shown in Table 7.
When applying an external clock, it is required to avoid sudden changes in the applied
clock frequency to ensure stable operation of the MCU. A variation in frequency of more
than 2% from one clock cycle to the next can lead to unpredictable behavior. It is
required to ensure that the MCU is kept in Reset during such changes in the clock
frequency.
Note that the System Clock Prescaler can be used to implement run-time changes of
the internal clock frequency while still ensuring stable operation. Refer to “System Clock
Prescaler” on page 24 for details.
Table 6. Internal RC Oscillator Frequency Range
OSCCAL Value
Min Frequency in Percentage of
Nominal Frequency
Max Frequency in Percentage of
Nominal Frequency
0x00
50%
100%
0x3F
75%
150%
0x7F
100%
200%
Table 7. Start-up Times for the External Clock Selection
SUT1..0
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset
Recommended Usage
00
6 CK
14CK
BOD enabled
01
6 CK
14CK + 4 ms
Fast rising power
10
6 CK
14CK + 64 ms
Slowly rising power
11
Reserved
EXTERNAL
CLOCK
SIGNAL
CLKI
GND


Similar Part No. - ATTINY13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13 ATMEL-ATTINY13 Datasheet
214Kb / 18P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13 Datasheet
1Mb / 177P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13 Datasheet
2Mb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13 Datasheet
584Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13-10SU ATMEL-ATTINY13-10SU Datasheet
535Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13A ATMEL-ATTINY13A_09 Datasheet
539Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_1 Datasheet
3Mb / 174P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_10 Datasheet
584Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
AT90S1200 ATMEL-AT90S1200 Datasheet
310Kb / 7P
   8-Bit Microcontroller with 1K bytes In-System Programmable Flash
ATTINY13-10SU ATMEL-ATTINY13-10SU Datasheet
535Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_10 Datasheet
605Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A Datasheet
462Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V_0701 ATMEL-ATTINY13V_0701 Datasheet
1Mb / 177P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V ATMEL-ATTINY13V_07 Datasheet
214Kb / 18P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_08 Datasheet
3Mb / 176P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com