Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV10963 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10963
Description  DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV10963 Datasheet(HTML) 3 Page - Texas Instruments

  DRV10963 Datasheet HTML 1Page - Texas Instruments DRV10963 Datasheet HTML 2Page - Texas Instruments DRV10963 Datasheet HTML 3Page - Texas Instruments DRV10963 Datasheet HTML 4Page - Texas Instruments DRV10963 Datasheet HTML 5Page - Texas Instruments DRV10963 Datasheet HTML 6Page - Texas Instruments DRV10963 Datasheet HTML 7Page - Texas Instruments DRV10963 Datasheet HTML 8Page - Texas Instruments DRV10963 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
PWM
GND
FR
U
V
10
9
8
7
6
FG
FGS
VCC
W
GND
1
2
3
4
5
DRV10963
www.ti.com
SLAS955A – MARCH 2013 – REVISED JULY 2015
5 Pin Configuration and Functions
DSN Package
10-Pin USON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NUMBER
NAME
1
FG
Output
Motor speed indicator output (open drain)
2
FGS
Input
Motor speed indicator selector. The state of this pin is latched on power up and can not be changed
dynamically.
3
VCC
Power
Input voltage for motor and chip supply
4
W
IO
Motor Phase W
5
GND
Ground
Ground
6
V
IO
Motor Phase V
7
U
IO
Motor Phase U
8
FR
Input
Motor direction selector. This pin can be dynamically changed after power up.
9
GND
Ground
Ground
10
PWM
Input
Motor speed control input.
Thermal
Connect to Ground for maximum thermal efficiency. Thermal pad is on the bottom of the package
Pad
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV10963


Similar Part No. - DRV10963

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
More results

Similar Description - DRV10963

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com