Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV10963JJDSNT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10963JJDSNT
Description  DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV10963JJDSNT Datasheet(HTML) 1 Page - Texas Instruments

  DRV10963JJDSNT Datasheet HTML 1Page - Texas Instruments DRV10963JJDSNT Datasheet HTML 2Page - Texas Instruments DRV10963JJDSNT Datasheet HTML 3Page - Texas Instruments DRV10963JJDSNT Datasheet HTML 4Page - Texas Instruments DRV10963JJDSNT Datasheet HTML 5Page - Texas Instruments DRV10963JJDSNT Datasheet HTML 6Page - Texas Instruments DRV10963JJDSNT Datasheet HTML 7Page - Texas Instruments DRV10963JJDSNT Datasheet HTML 8Page - Texas Instruments DRV10963JJDSNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Vcc
FG
FGS
VCC
W
GND
PWM
GND
FR
U
V
1
2
3
4
5
10
9
8
6
M
7
Vcc
Gnd
2.2uF
FG
PWMIN
100k
Gnd
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
DRV10963
SLAS955A – MARCH 2013 – REVISED JULY 2015
DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
1 Features
3 Description
The DRV10963 is a three phase sensor-less motor
1
Proprietary Sensor-less Window-less
driver
with
integrated
power
MOSFETs.
It
is
180° Sinusoidal Control Scheme
specifically designed for high efficiency, low noise
Input Voltage Range 2.1 to 5.5 V
and low external component count motor drive
500-mA Output Current
applications. The proprietary sensor-less window-less
180° sinusoidal control scheme offers ultra-quiet
Low Quiescent Current 15 µA (Typical) at Sleep
motor drive performance. The DRV10963 contains an
Mode
intelligent lock detect function, combined with other
Total Driver H+L Rdson Less than 1.5
Ω
internal protection circuits to ensure safe operation.
Current Limit and Short Circuit Current Protection
The DRV10963 is available in a thermally efficient 10-
pin USON package with an exposed thermal pad.
Lock Detection
Anti Voltage Surge (AVS)
Device Information
UVLO
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Thermal Shutdown
DRV10963
USON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the data sheet.
Notebook CPU Fans
Game Station CPU Fans
ASIC Cooling Fans
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV10963JJDSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
More results

Similar Description - DRV10963JJDSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com