Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DRV10963 Datasheet(PDF) 19 Page - Texas Instruments

Part No. DRV10963
Description  DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV10963 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DRV10963_15 Datasheet HTML 15Page - Texas Instruments DRV10963_15 Datasheet HTML 16Page - Texas Instruments DRV10963_15 Datasheet HTML 17Page - Texas Instruments DRV10963_15 Datasheet HTML 18Page - Texas Instruments DRV10963_15 Datasheet HTML 19Page - Texas Instruments DRV10963_15 Datasheet HTML 20Page - Texas Instruments DRV10963_15 Datasheet HTML 21Page - Texas Instruments DRV10963_15 Datasheet HTML 22Page - Texas Instruments DRV10963_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Vcc
FG
FGS
VCC
W
GND
PWM
GND
FR
U
V
1
2
3
4
5
10
9
8
6
M
7
Vcc
Gnd
2.2uF
FG
PWMIN
100k
Gnd
DRV10963
www.ti.com
SLAS955A – MARCH 2013 – REVISED JULY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
DRV10963 is used in sensorless 3-phase BLDC motor control. The driver provides a high performance, high
reliability, flexible and simple solution for compute fan applications. The following design shows a common
application of the DRV10963.
8.2 Typical Application
Figure 17. Typical Application Schematic
8.2.1 Design Requirements
Table 11 lists several key motor characteristics and recommended ranges which the DRV10963 is capable of
driving. However, that does not necessarily mean motors outside these boundaries cannot be driven by
DRV10963.
Recommended ranges listed in Table 11 can serve as a general guideline to quickly decide whether DRV10963
is a good fit for an application. Motor performance is not ensured for all uses.
Table 11. Key Motor Characteristics and Recommended Ranges
Rm (
Ω)
Lm (µH)
Kt (mV/Hz)
fFG_max (Hz)
Recommended
2.5 ~ 36
50 ~ 10000
1 ~ 100
1300
Value
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: DRV10963


Similar Part No. - DRV10963_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
More results

Similar Description - DRV10963_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz