Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DRV10963 Datasheet(PDF) 16 Page - Texas Instruments

Part No. DRV10963
Description  DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV10963 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV10963_15 Datasheet HTML 12Page - Texas Instruments DRV10963_15 Datasheet HTML 13Page - Texas Instruments DRV10963_15 Datasheet HTML 14Page - Texas Instruments DRV10963_15 Datasheet HTML 15Page - Texas Instruments DRV10963_15 Datasheet HTML 16Page - Texas Instruments DRV10963_15 Datasheet HTML 17Page - Texas Instruments DRV10963_15 Datasheet HTML 18Page - Texas Instruments DRV10963_15 Datasheet HTML 19Page - Texas Instruments DRV10963_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
DRV10963
SLAS955A – MARCH 2013 – REVISED JULY 2015
www.ti.com
The lower two pictures in Figure 14 illustrate how the AVS circuit in the DRV10963 device prevents this energy
from being returned to the supply. When the AVS condition is detected the DRV10963 device will act to turn on
the low side device designated as S6. This allows the current flowing in the motor inductance to be returned to
ground instead of being directed to the VCC supply voltage.
7.3.9 Control Advance Angle
To achieve the best efficiency it is often desirable to control the drive state of the motor so that the motor’s phase
current is aligned with the motor’s BEMF voltage.
To align the motor’s phase current with the motor’s BEMF voltage the inductive effect of the motor must be
considered. The voltage applied to the motor should be applied in advance of the motor’s BEMF voltage. This is
illustrated in Figure 16. The DRV10963 provides configuration bits (CTRL_ANG[4:0] )for controlling the time
(Tadv) between the driving voltage and BEMF. For motors with salient pole structures, aligning the motor BEMF
voltage with the motor current may not achieve the best efficiency. In these applications the timing advance
should be adjusted accordingly. This can be accomplished by operating the system at constant speed and load
conditions and by adjusting the Tadv until the minimum current is achieved.
Figure 16. DRV10963 Advance Angle Control
Table 8. Control Advance Angle Settings
CTRL_ANG[4:0]
Tadv
0
0
1
20 µs
2
40 µs
3
60 µs
n
n × 20 µs
6
120 µs
8
160 µs
31
620 µs
7.3.10 Overtemperature Protection
The DRV10963 contains a thermal shut down function which disables motor operation when the device junction
temperature has exceeded TSD. Motor operation will resume when the junction temperature becomes lower than
TSD - TSD_HYS.
7.3.11 Undervoltage Protection
The DRV10963 contains an undervoltage lockout feature, which prevents motor operation whenever the supply
voltage (VCC) becomes too low. Upon power up, the DRV10963 will operate once VCC rises above VUVLO_H.
The DRV10963 will continue to operate until VCC falls below VUVLO_L.
7.3.12 OTP Configuration
The DRV10963 features OTP (one time programmable) bits to allow for flexible configuration of the device in
order for optimization over a wide range of applications. Selection of various OTP options is described
throughout this specification. The DRV10963JJ, DRV10963JM, DRV10963JU, and DRV10963JA parts listed in
Table 10 are configured at the factory based on popular OTP settings for several different applications. TI
provides EVM hardware along with a special GUI and a Motor System Tuning Guide which provides detailed
instructions for determining the right part for your application. If your application requires settings not provided in
16
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DRV10963


Similar Part No. - DRV10963_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
More results

Similar Description - DRV10963_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz