Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DRV10963 Datasheet(PDF) 15 Page - Texas Instruments

Part # DRV10963
Description  DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV10963 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DRV10963_15 Datasheet HTML 11Page - Texas Instruments DRV10963_15 Datasheet HTML 12Page - Texas Instruments DRV10963_15 Datasheet HTML 13Page - Texas Instruments DRV10963_15 Datasheet HTML 14Page - Texas Instruments DRV10963_15 Datasheet HTML 15Page - Texas Instruments DRV10963_15 Datasheet HTML 16Page - Texas Instruments DRV10963_15 Datasheet HTML 17Page - Texas Instruments DRV10963_15 Datasheet HTML 18Page - Texas Instruments DRV10963_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
DRV10963
www.ti.com
SLAS955A – MARCH 2013 – REVISED JULY 2015
7.3.8 Anti-Voltage Surge (AVS)
Under normal operation the DRV10963 acts to transfer energy from the power supply to the motor to generate
torque, which results in angular rotation of the motor. Under certain conditions, however, energy which is stored
in the motor in the form of inductive energy or angular momentum (mechanical energy) can be returned to the
power supply. This can happen whenever the output voltage is quickly interrupted or whenever the voltage
applied to the motor becomes less than the BEMF voltage generated by the motor. The energy which is returned
to the supply can cause the supply voltage to increase. This condition is referred to as voltage surge.
The DRV10963 includes an anti-voltage-surge (AVS) feature which prevents energy from being transferred from
the motor to the power supply. This feature helps to protect the DRV10963 as well as any other components that
are connected to the power supply (VCC).
7.3.8.1 Protecting Against the Return of Mechanical Energy
Mechanical energy is typically returned to the power supply when the speed command is abruptly decreased. If
the voltage applied to the phase becomes less than the BEMF voltage then the motor will work as a generator
and current will flow from the motor back to VCC. This is illustrated in Figure 14. To prevent this from happening,
the DRV10963 buffers the speed command value and limits the rate at which it is able to change. The AVS
function acts to ensure that the effective output amplitude (U) is maintained to be larger than the BEMF voltage.
This prevents current from becoming less than zero. The value of BEMF used to perform this function is
calculated by the motor Kt and the motor speed.
Figure 14. Mechanical AVS
7.3.8.2 Protecting Against the Return of Inductive Energy
When the DRV10963 suddenly stops driving the motor, the current which is flowing in the motor’s inductance will
continue to flow. It flows through the intrinsic body diodes in the mosfets and charges VCC. An example of this
behavior is illustrated by the two pictures in the top half of Figure 15. When the driver is active, the current flows
from S1 to the motor and then to S6 and is returned to ground. When the driver is placed into a high impedance
(tri-state) mode, the current goes flows from ground through the body diode of S2 to the motor and then through
the body diode of S5 to VCC. The current will continue to flow through the motor’s inductance in this direction
until the inductive energy is dissipated.
Figure 15. Inductive AVS
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: DRV10963


Similar Part No. - DRV10963_15

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
More results

Similar Description - DRV10963_15

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com