Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DRV10963 Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV10963
Description  DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV10963 Datasheet(HTML) 5 Page - Texas Instruments

  DRV10963_15 Datasheet HTML 1Page - Texas Instruments DRV10963_15 Datasheet HTML 2Page - Texas Instruments DRV10963_15 Datasheet HTML 3Page - Texas Instruments DRV10963_15 Datasheet HTML 4Page - Texas Instruments DRV10963_15 Datasheet HTML 5Page - Texas Instruments DRV10963_15 Datasheet HTML 6Page - Texas Instruments DRV10963_15 Datasheet HTML 7Page - Texas Instruments DRV10963_15 Datasheet HTML 8Page - Texas Instruments DRV10963_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DRV10963
www.ti.com
SLAS955A – MARCH 2013 – REVISED JULY 2015
6.5 Electrical Characteristics
(VCC = 5 V, TA = 25°C unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVCC
Operating current
PWM = VCC, no motor connected
5.5
mA
IVCC_SLEEP
Sleep current
PWM = 0 V
15
20
µA
UVLO
VUVLO_H
Undervoltage threshold high
2
2.1
V
VUVLO_L
Undervoltage threshold low
1.7
1.8
V
VUVLO_HYS
Undervoltage threshold hysteresis
100
200
300
mV
INTEGRATED MOSFET
RDSON
Series resistance (H+L)
VCC = 5 V; IOUT = 0.5 A
1
1.5
PWM
VIH_PWM
Input high threshold
2.3
V
VIL_PWM
Input low threshold
0.8
V
FPWM
PWM input frequency
Duty cycle >0% and <100%
15
100
kHz
Active Mode
50
k
RPU_PWM_VCC
PWM pin pullup resistor
Standby Mode
2
M
TSLEEP
Sleep entry time
PWM = 0 V
500
µs
FG
IOL_FG
FG sink current
VFG = 0.3 V
5
mA
ISC_FG
FG short circuit current
VFG = 5 V
13
25
mA
FGS and FR
VIH_FGS
Input high threshold
2.3
V
VIL_FGS
Input low threshold
0.8
V
VIH_FR
Input high threshold
2.3
V
VIL_FR
Input low threshold
0.8
V
Active Mode
50
k
RPU_FGS_VCC
FGS pin pullup resistor
Standby Mode
2
M
RPU_FR_VCC
FR pin pullup resistor
500
k
LOCK PROTECTION
TON_LOCK
Lock detect time
0.3
s
TOFF_LOCK
Lock release time
5
s
CURRENT LIMIT
ILIMIT
Soft current limit value
500
mA
SHORT CIRCUIT CURRENT PROTECTION [ILIMIT [2:0] = 4
ISHT
Short circuit current protection
1.8
A
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
160
°C
TSD_HYS
Thermal shutdown hysteresis
10
°C
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV10963


Similar Part No. - DRV10963_15

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
More results

Similar Description - DRV10963_15

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com