Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97220A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX97220A
Description  Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97220A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX97220A_14 Datasheet HTML 1Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 2Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 3Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 4Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 5Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 6Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 7Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 8Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Maxim Integrated
Differential Input DirectDrive
Line Drivers/Headphone Amplifiers
MAX97220A–MAX97220E
ELECTRICAL CHARACTERISTICS (continued)
(VPVDD = VSVDD = VSVDD2 = 5V, VPGND = VSGND = 0V, CBIAS = 0.1µF, C1 = C2 = 1µF, RIN = 20kω, RF = 20kω (MAX97220A/
MAX97220B/MAX97220E), typical values tested at TA = +25°C, unless otherwise noted.) (Notes 2 and 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Noise Voltage
VN
A/B/E
versions
A-weighted,
RIN = RF = 10kI
7
F
V
C/D versions A-weighted
14
Crosstalk
XTALK
A/B/E
versions
1kHz, VOUT = 3VRMS,
RL = 10kI
-125
dB
10kHz, VOUT = 3VRMS,
RL = 10kI
-108
1kHz, VOUT = 2VRMS,
RL = 600I, VPVDD =
VSVDD_ = 3.3V
-123
10kHz, VOUT = 2VRMS,
RL = 600I, VPVDD =
VSVDD_ = 3.3V
-104
1kHz, POUT = 20mW,
RL = 32I
-102
10kHz, POUT = 20mW,
RL = 32I
-82
C/D
versions
1kHz, VOUT = 2VRMS,
RL = 10kI
100
10kHz, VOUT = 2VRMS,
RL = 10kI
98
1kHz, VOUT = 2VRMS,
RL = 600I
100
10kHz, VOUT = 2VRMS,
RL = 600I
96
1kHz, POUT = 20mW,
RL = 32I
95
1kHz, POUT = 20mW,
RL = 16I
92
Maximum Capacitive Load Drive
CL
470
pF
External Feedback Resistor
Range
RF
A/B/E versions
4.7
20
100
kI
Oscillator Frequency
fOSC
450
500
550
kHz


Similar Part No. - MAX97220A_14

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX97220A_1110 MAXIM-MAX97220A_1110 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 1; 10/11
More results

Similar Description - MAX97220A_14

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX97220A MAXIM-MAX97220A Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 0; 1/11
MAX97220A_1110 MAXIM-MAX97220A_1110 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 1; 10/11
MAX97220A_V2 MAXIM-MAX97220A_V2 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX9722A MAXIM-MAX9722A Datasheet
627Kb / 20P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03
MAX9722A MAXIM-MAX9722A_07 Datasheet
498Kb / 21P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
Shenzhen Huazhimei Semiconductor Co., Ltd
Shenzhen Huazhimei Semi...
HM97220 HMSEMI-HM97220 Datasheet
1Mb / 12P
   125mW Direct Drive Line Drivers/Headphone Amplifiers
Maxim Integrated Products
Maxim Integrated Produc...
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz