Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97220A Datasheet(PDF) 16 Page - Maxim Integrated Products

Part No. MAX97220A
Description  Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX97220A Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX97220A_14 Datasheet HTML 11Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 12Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 13Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 14Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 15Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 16Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 17Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 18Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
Maxim Integrated
Differential Input DirectDrive
Line Drivers/Headphone Amplifiers
MAX97220A–MAX97220E
Functional Diagrams
Chip Information
PROCESS: BiCMOS
0.47µF
0.47µF
0.47µF
0.47µF
10kI
10kI
10kI
10kI
10kI
10kI
10kI
-INR
+INR
+INL
-INL
OUTL
BIAS
C1P
CHARGE
PUMP
C1N
PVSS
C1
1µF
CBIAS
0.1µF
C2
1µF
OUTR
PVDD SVDD
1µF
1µF
2.5V TO 5.5V
MAX97220A
MAX97220B
MAX97220E
0.47µF
0.47µF
0.47µF
0.47µF
10kI
20kI
20kI
10kI
20kI
20kI
10kI
10kI
SHDN
-INR
+INR
+INL
-INL
OUTL
BIAS
C1P
CHARGE
PUMP
C1N
PVSS
C1
1µF
CBIAS
0.1µF
C2
1µF
OUTR
SGND PGND
PVDD SVDD
1µF
1µF
2.5V TO 5.5V
MAX97220C
MAX97220D
SHDN SGND PGND
10kI


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn