Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97220A Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX97220A
Description  Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX97220A Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX97220A_14 Datasheet HTML 8Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 9Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 10Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 11Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 12Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 13Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 14Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 15Page - Maxim Integrated Products MAX97220A_14 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Maxim Integrated
Differential Input DirectDrive
Line Drivers/Headphone Amplifiers
MAX97220A–MAX97220E
Detailed Description
The MAX97220_ is a fully differential input line driver/
headphone amplifier for set-top boxes, LCD TV, and
home theater applications where audio fidelity is of pri-
mary importance. Power consumption of the amplifier is
reduced while maintaining high SNR and THD+N per-
formance. The MAX97220A/MAX97220B/MAX97220E
require external input and feedback resistors to set
amplifier gain. The MAX97220C/MAX97220D feature
internal input and feedback resistors for a set gain of
+6dB. Output swings of 3VRMS with a 5V supply and
2VRMS with a 3.3V supply are perfect for line driver
applications.
High fidelity is maintained through the differential input
connection. An output noise voltage of 7FVRMS allows
for 112dB SNR when powered from 5V and 109dB SNR
when powered from 3.3V. The IC has better than 90dB
THD+N across the entire audio bandwidth.
The MAX97220_ operates from a single supply ranging
from 2.5V to 5.5V. An on-chip charge pump inverts the
positive supply (PVDD), creating an equal magnitude
negative supply (PVSS). The headphone amplifiers
operate from bipolar supplies with their outputs biased
about PGND (Figure 1). The benefit of this PGND bias is
that the amplifier outputs do not have a DC component,
typically PVDD/2. The large DC-blocking capacitors
required with conventional headphone amplifiers are
unnecessary, thus conserving board space, reducing
system cost, and improving frequency response. Output
power of 125mW into 32I is achievable from a 5V sup-
ply. The device features an undervoltage lockout that
prevents operation from an insufficient power supply
and click-and-pop suppression that eliminates audible
transients on startup and shutdown.
Differential Input
The IC can be configured as differential or pseudo-
differential input amplifiers (Figures 2 and 3), making
it compatible with all codecs. A differential input offers
improved noise immunity over a single-ended input. In
devices such as cellular phones, high-frequency signals
from the RF transmitter can couple into the amplifier’s
input traces. The signals appear at the amplifier’s inputs
as common-mode noise. A differential input amplifier
amplifies the difference of the two inputs while signals
common to both inputs are cancelled. Configured dif-
ferentially, the gain of the MAX97220A/MAX97220B/
MAX97220E is set by:
AV = RF/RIN
The common-mode rejection ratio (CMRR) is limited by
the external resistor matching, and if used, input capaci-
tor matching at low frequencies. For example, the worst-
case variation of 1% tolerant resistors results in 40dB
CMRR, while 0.1% resistors result in 60dB CMRR. For
best matching, use resistor arrays.
Figure 1. Conventional Driver Output Waveform vs.
MAX97220_ Output Waveform
Figure 2. Differential Input Configuration
VOUT
PVDD
PVDD/2
PGND
PGND
VOUT
+PVDD
-PVDD
DirectDrive BIASING SCHEME
CONVENTIONAL DRIVER-BIASING SCHEME
OUT
RF1*
RIN1*
IN-
IN+
RIN2
RIN1 = RIN2, RF1 = RF2
*RIN1 AND RF1 ARE INTERNAL FOR MAX97220C/MAX97220D
RF2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn