Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97220A Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX97220A
Description  Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX97220A Datasheet(HTML) 10 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Maxim Integrated
Differential Input DirectDrive
Line Drivers/Headphone Amplifiers
MAX97220A–MAX97220E
Typical Operating Characteristics (continued)
(VPVDD = VSVDD = VSVDD2 = 5V, VPGND = VSGND = 0V, CBIAS = 0.1µF, C1 = C2 = 1µF, RIN = 10kω, RF = 10kω, unless otherwise noted.)
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.0
3.5
4.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
2.5
5.5
NO LOAD
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-0.2
-40
85
NO LOAD
VPVDD = 5V
VPVDD = 3.3V
RF IMMUNITY vs. FREQUENCY
FREQUENCY (MHz)
2600
2100
1600
1100
600
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-130
100
3100
LEFT CHANNEL
RIGHT CHANNEL
RL = 32I
EXITING SHUTDOWN
MAX97220 toc37
OUT_
5V/div
SHDN
2V/div
2ms/div
MAX97220A/MAX97220C/MAX97220E
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
1
2
3
4
5
6
7
8
9
10
0
2.5
5.5
NO LOAD
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
1
2
3
4
5
6
7
8
9
10
0
-40
85
NO LOAD
VPVDD = 5V
VPVDD = 3.3V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn