Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97220A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part No. MAX97220A
Description  Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX97220A Datasheet(HTML) 8 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Maxim Integrated
Differential Input DirectDrive
Line Drivers/Headphone Amplifiers
MAX97220A–MAX97220E
Typical Operating Characteristics (continued)
(VPVDD = VSVDD = VSVDD2 = 5V, VPGND = VSGND = 0V, CBIAS = 0.1µF, C1 = C2 = 1µF, RIN = 10kω, RF = 10kω, unless otherwise noted.)
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
180
160
120 140
40 60 80 100
20
40
80
120
160
200
240
280
320
360
400
0
0
200
VPVDD = 5V
RL = 32I
GAIN FLATNESS vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
0.1
-3
-2
-1
0
1
2
3
4
5
6
7
8
-4
0.01
1000
MAX97220C/MAX97220D
AV = 6dB
MAX97220A/MAX97220B
AV = 0dB
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-140
0.01
100
VPVDD = 3.3V
RL = 600I
VOUT = 2VRMS
RIGHT TO LEFT
LEFT TO RIGHT
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-140
0.01
100
RL = 10kI
VOUT = 3VRMS
RIGHT TO LEFT
LEFT TO RIGHT
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-140
0.01
100
RL = 32I
POUT = 20mW
RIGHT TO LEFT
LEFT TO RIGHT
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-140
0.01
100
RL = 16I
POUT = 20mW
RIGHT TO LEFT
LEFT TO RIGHT
FREQUENCY (kHz)
10
1
0.1
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-120
0.01
100
VPVDD = 3.3V
RL = 600I
VOUT = 2VRMS
LEFT TO RIGHT
RIGHT TO LEFT
CROSSTALK vs. FREQUENCY
C/D VERSIONS
FREQUENCY (kHz)
10
1
0.1
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-120
0.01
100
RL = 10kI
VOUT = 2VRMS
LEFT TO RIGHT
RIGHT TO LEFT
CROSSTALK vs. FREQUENCY
C/D VERSIONS
FREQUENCY (kHz)
10
1
0.1
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-120
0.01
100
RL = 32I
POUT = 20mW
LEFT TO RIGHT
RIGHT TO LEFT
CROSSTALK vs. FREQUENCY
C/D VERSIONS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn