Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97220A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX97220A
Description  Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX97220A Datasheet(HTML) 7 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Maxim Integrated
Differential Input DirectDrive
Line Drivers/Headphone Amplifiers
MAX97220A–MAX97220E
Typical Operating Characteristics (continued)
(VPVDD = VSVDD = VSVDD2 = 5V, VPGND = VSGND = 0V, CBIAS = 0.1µF, C1 = C2 = 1µF, RIN = 10kω, RF = 10kω, unless otherwise noted.)
OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2.5
5.5
THD+N = 1%
THD+N = 10%
fIN = 1kHz
RL = 600I
OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2.5
5.5
THD+N = 1%
THD+N = 10%
fIN = 1kHz
RL = 10kI
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
25
50
75
100
125
150
175
200
225
250
0
2.5
5.5
THD+N = 1%
THD+N = 10%
fIN = 1kHz
RL = 32I
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
20
40
60
80
100
120
140
160
180
200
0
2.5
5.5
THD+N = 1%
THD+N = 10%
fIN = 1kHz
RL = 16I
OUTPUT VOLTAGE vs. LOAD RESISTANCE
LOAD RESISTANCE (kI)
10
1
1.5
2.0
2.5
3.0
3.5
4.0
1.0
0.1
100
THD+N = 1%
THD+N = 10%
VPVDD = 3.3V
fIN = 1kHz
OUTPUT VOLTAGE vs. LOAD RESISTANCE
LOAD RESISTANCE (kI)
10
1
2.5
3.0
3.5
4.0
4.5
5.0
2.0
0.1
100
THD+N = 1%
THD+N = 10%
VPVDD = 5V
fIN = 1kHz
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (I)
100
10
20
30
40
50
60
70
80
90
100
0
10
1000
THD+N = 1%
THD+N = 10%
VPVDD = 3.3V
fIN = 1kHz
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (I)
100
25
50
75
100
125
150
175
200
225
250
0
10
1000
THD+N = 1%
THD+N = 10%
fIN = 1kHz
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
135
120
90 105
30 45 60 75
15
20
40
60
80
100
120
140
160
180
200
0
0
150
VPVDD = 3.3V
RL = 32I


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn