Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST7030 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST7030
Description  System Reset Monolithic IC PST70XX Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST7030 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST7030 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST7030 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST7030 Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MITSUMI
System Reset PST70XX
System Reset
Monolithic IC PST70XX Series
Outline
These low reset type ICs function in a variety of CPU systems and other logic systems, to detect power
supply voltage and reset the system accurately when power is turned on or interrupted.
They are ideal for use in battery check circuits for products using batteries, as they have ultra-low current
consumption and a high precision voltage detection function.
Features
1. High precision voltage detection
Vs±2% max.
2. Ultra-low current consumption
ICCH=2µA typ. ICCL=3µA typ.
3. Low operating limit voltage
0.65V typ.
4. Hysteresis voltage provided in detection voltage
50mV typ.
5. Output current high for ON
30mA typ.
6. Detection voltage can be selected as desired within a range of 1.9V~4.6V
in 0.1V steps, as indicated below.
PST70XX
Detection voltage value
(Example: for 4.6V ....... PST7046)
Package
MMP-3A (PST70
M)
TO-92A (PST70
)
Applications
1. Reset circuits in microcomputers, CPUs and MPUs.
2. Logic circuit reset circuits.
3. Battery voltage check circuits.
4. Back-up power supply switching circuits.
5. Level detection circuits.
Pin Assignment
12
3
TO-92A
3
1
2
MMP-3A
(TOP VIEW)
1
VCC
2
GND
3
VOUT
1
VCC
2
GND
3
VOUT


Similar Part No. - PST7030

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
More results

Similar Description - PST7030

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
   System Reset Monolithic IC PST611
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
   System Reset Monolithic IC PST575
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST591 MITSUMI-PST591 Datasheet
133Kb / 6P
   System Reset Monolithic IC PST591~595 Series
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com