Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN8833 Datasheet(PDF) 20 Page - Analog Devices

Part # ADN8833
Description  Ultracompact, 1 A Thermoelectric Cooler (TEC) Driver for Digital Control Systems
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8833 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADN8833 Datasheet HTML 15Page - Analog Devices ADN8833 Datasheet HTML 16Page - Analog Devices ADN8833 Datasheet HTML 17Page - Analog Devices ADN8833 Datasheet HTML 18Page - Analog Devices ADN8833 Datasheet HTML 19Page - Analog Devices ADN8833 Datasheet HTML 20Page - Analog Devices ADN8833 Datasheet HTML 21Page - Analog Devices ADN8833 Datasheet HTML 22Page - Analog Devices ADN8833 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADN8833
Data Sheet
Rev. A | Page 20 of 23
PCB LAYOUT GUIDELINES
TEMPERATURE
SIGNAL
CONDITIONING
TEC
VOLTAGE
LIMITING
TEC
CURRENT
LIMITING
TEC
VOLTAGE
SENSING
TEC
CURRENT
SENSING
TEC
DRIVER
OBJECT
THERMOELECTRIC
COOLER
(TEC)
TEMPERATURE
ERROR
COMPENSATION
TEMPERATURE
SENSOR
SOURCE OF
ELECTRICAL
POWER
TARGET
TEMPERATURE
Figure 34. System Block Diagram
BLOCK DIAGRAMS AND SIGNAL FLOW
The ADN8833 integrates analog signal conditioning blocks, a
load protection block, and a TEC driver power stage all in a
single IC. To achieve the best possible circuit performance,
attention must be paid to keep noise of the power stage from
contaminating the sensitive analog conditioning and protection
circuits. In addition, the layout of the power stage must be
performed such that the IR losses are minimized to obtain the
best possible electrical efficiency.
The system block diagram of the ADN8833 is shown in Figure 34.
GUIDELINES FOR REDUCING NOISE AND
MINIMIZING POWER LOSS
Each printed circuit board (PCB) layout is unique because of
the physical constraints defined by the mechanical aspects of a
given design. In addition, several other circuits work in
conjunction with the TEC driver; these circuits have their own
layout requirements, so there are always compromises that must
be made for a given system. However, to minimize noise and keep
power losses to a minimum during the PCB layout process,
observe the following guidelines.
General PCB Layout Guidelines
Switching noise can interfere with other signals in the system;
therefore, the switching signal traces must be placed away from
the power stage to minimize the effect. If possible, place the
ground plate between the small signal layer and power stage
layer as a shield.
Supply voltage drop on traces is also an important consideration
because it determines the voltage headroom of the TEC driver
at high currents. For example, if the supply voltage from the
front-end system is 3.3 V, and the voltage drop on the traces is
0.5 V, PVIN sees only 2.8 V, which limits the maximum voltage
of the linear regulator as well as the maximum voltage across
the TEC. To mitigate the voltage waste on traces and impedance
interconnection, place the ADN8833 and the input decoupling
components close to the supply voltage terminal. This
placement not only improves the system efficiency, but also
provides better regulation performance at the output.
To prevent noise signal from circulating through ground plates,
reference all of the sensitive analog signals to AGND and
connect AGND to PGNDS using only a single point
connection. This ensures that the switching currents of the
power stage do not flow into the sensitive AGND node.
PWM Power Stage Layout Guidelines
The PWM power stage consists of a MOSFET pair that forms a
switch mode output that switches current from PVIN to the
load via an LC filter. The ripple voltage on the PVIN pin is
caused by the discontinuous current switched by the PWM side
MOSFETs. This rapid switching causes voltage ripple to form at
the PVIN input, which must be filtered using a bypass capacitor.
Place a 10 μF capacitor as close as possible to the PVIN pin to
connect PVIN to PGNDS. Because the 10 μF capacitor is
sometimes bulky and has higher ESR and ESL, a 100 nF decoupling
capacitor is usually used in parallel with it, placed between PVIN
and PGNDS.
Because the decoupling is part of the pulsating current loop,
which carries high di/dt signals, the traces must be short and
wide to minimize the parasitic inductance. As a result, this
capacitor is usually placed on the same side of the board as the
ADN8833 to ensure short connections. If the layout requires
that 10 μF capacitor be on the opposite side of the PCB, use
multiple vias to reduce via impedance.
The layout around the SW node is also critical because it
switches between PVIN and ground rapidly, which makes this
node a strong EMI source. Keep the copper area that connects
the SW node to the inductor small to minimize parasitic
capacitance between the SW node and other signal traces. This
helps minimize noise on the SW node due to excessive charge
injection. However, in high current applications, the copper area
may be increased reasonably to provide heat sink and to sustain
high current flow.
Connect the ground side of the capacitor in the LC filter as close as
possible to PGNDS to minimize the ESL in the return path.


Similar Part No. - ADN8833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8833 AD-ADN8833 Datasheet
1Mb / 30P
   Ultracompact 4A, 15V, Full Bridge Driver with SPI
ADN8833 AD-ADN8833 Datasheet
647Kb / 27P
   Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
ADN8833 AD-ADN8833 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
More results

Similar Description - ADN8833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8834 AD-ADN8834 Datasheet
1Mb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
ADN8835 AD-ADN8835 Datasheet
647Kb / 27P
   Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
ADN8834 AD-ADN8834_V01 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
LTM4663 AD-LTM4663 Datasheet
2Mb / 24P
   Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com