Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8-16AI Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATMEGA8-16AI
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
Download  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8-16AI Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATMEGA8-16AI Datasheet HTML 61Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 62Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 63Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 64Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 65Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 66Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 67Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 68Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 303 page
background image
65
ATmega8(L)
2486M–AVR–12/03
• Bit 1, 0 – ISC01, ISC00: Interrupt Sense Control 0 Bit 1 and Bit 0
The External Interrupt 0 is activated by the external pin INT0 if the SREG I-flag and the
corresponding interrupt mask are set. The level and edges on the external INT0 pin that
activate the interrupt are defined in Table 32. The value on the INT0 pin is sampled
before detecting edges. If edge or toggle interrupt is selected, pulses that last longer
than one clock period will generate an interrupt. Shorter pulses are not guaranteed to
generate an interrupt. If low level interrupt is selected, the low level must be held until
the completion of the currently executing instruction to generate an interrupt.
General Interrupt Control
Register – GICR
• Bit 7 – INT1: External Interrupt Request 1 Enable
When the INT1 bit is set (one) and the I-bit in the Status Register (SREG) is set (one),
the external pin interrupt is enabled. The Interrupt Sense Control1 bits 1/0 (ISC11 and
ISC10) in the MCU general Control Register (MCUCR) define whether the external
interrupt is activated on rising and/or falling edge of the INT1 pin or level sensed. Activity
on the pin will cause an interrupt request even if INT1 is configured as an output. The
corresponding interrupt of External Interrupt Request 1 is executed from the INT1 Inter-
rupt Vector.
• Bit 6 – INT0: External Interrupt Request 0 Enable
When the INT0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one),
the external pin interrupt is enabled. The Interrupt Sense Control0 bits 1/0 (ISC01 and
ISC00) in the MCU general Control Register (MCUCR) define whether the external
interrupt is activated on rising and/or falling edge of the INT0 pin or level sensed. Activity
on the pin will cause an interrupt request even if INT0 is configured as an output. The
corresponding interrupt of External Interrupt Request 0 is executed from the INT0 Inter-
rupt Vector.
Table 32. Interrupt 0 Sense Control
ISC01
ISC00
Description
0
0
The low level of INT0 generates an interrupt request.
0
1
Any logical change on INT0 generates an interrupt request.
1
0
The falling edge of INT0 generates an interrupt request.
1
1
The rising edge of INT0 generates an interrupt request.
Bit
7
6
5
4
3
2
1
0
INT1
INT0
IVSEL
IVCE
GICR
Read/Write
R/W
R/W
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0


Similar Part No. - ATMEGA8-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8-16AI ATMEL-ATMEGA8-16AI Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8-16AI ATMEL-ATMEGA8-16AI Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
   8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_08 Datasheet
4Mb / 308P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_09 Datasheet
485Kb / 19P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_1 Datasheet
6Mb / 307P
   8-bit with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com