Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8-16AI Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATMEGA8-16AI
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
Download  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8-16AI Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATMEGA8-16AI Datasheet HTML 81Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 82Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 83Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 84Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 85Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 86Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 87Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 88Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 303 page
background image
85
ATmega8(L)
2486M–AVR–12/03
Compare Match Output
Unit
The Compare Output mode (COM1x1:0) bits have two functions. The waveform genera-
tor uses the COM1x1:0 bits for defining the Output Compare (OC1x) state at the next
Compare Match. Secondly the COM1x1:0 bits control the OC1x pin output source. Fig-
ure 36 shows a simplified schematic of the logic affected by the COM1x1:0 bit setting.
The I/O Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of
the general I/O Port Control Registers (DDR and PORT) that are affected by the
COM1x1:0 bits are shown. When referring to the OC1x state, the reference is for the
internal OC1x Register, not the OC1x pin. If a System Reset occur, the OC1x Register is
reset to “0”.
Figure 36. Compare Match Output Unit, Schematic
The general I/O port function is overridden by the Output Compare (OC1x) from the
waveform generator if either of the COM1x1:0 bits are set. However, the OC1x pin
direction (input or output) is still controlled by the Data Direction Register (DDR) for the
port pin. The Data Direction Register bit for the OC1x pin (DDR_OC1x) must be set as
output before the OC1x value is visible on the pin. The port override function is generally
independent of the Waveform Generation mode, but there are some exceptions. Refer
to Table 36, Table 37 and Table 38 for details.
The design of the Output Compare Pin logic allows initialization of the OC1x state
before the output is enabled. Note that some COM1x1:0 bit settings are reserved for
certain modes of operation. See “16-bit Timer/Counter Register Description” on page
95.
The COM1x1:0 bits have no effect on the Input Capture unit.
PORT
DDR
DQ
DQ
OCnx
Pin
OCnx
DQ
Waveform
Generator
COMnx1
COMnx0
0
1
FOCnx
clk
I/O


Similar Part No. - ATMEGA8-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8-16AI ATMEL-ATMEGA8-16AI Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8-16AI ATMEL-ATMEGA8-16AI Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
   8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_08 Datasheet
4Mb / 308P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_09 Datasheet
485Kb / 19P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_1 Datasheet
6Mb / 307P
   8-bit with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com