Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL68200IRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL68200IRZ
Description  Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C and PFM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68200IRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL68200IRZ Datasheet HTML 2Page - Intersil Corporation ISL68200IRZ Datasheet HTML 3Page - Intersil Corporation ISL68200IRZ Datasheet HTML 4Page - Intersil Corporation ISL68200IRZ Datasheet HTML 5Page - Intersil Corporation ISL68200IRZ Datasheet HTML 6Page - Intersil Corporation ISL68200IRZ Datasheet HTML 7Page - Intersil Corporation ISL68200IRZ Datasheet HTML 8Page - Intersil Corporation ISL68200IRZ Datasheet HTML 9Page - Intersil Corporation ISL68200IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ISL68200
6
FN8705.1
March 7, 2016
Submit Document Feedback
17
PROG2
Programming pin for PWM/PFM mode, temperature compensation and serial bus (SMBus/PMBus/I2C) address.
18
PROG1
Programming pin for boot-up voltage.
19
GND
Return current path for the LGATE MOSFET driver. Connect directly to system ground plane.
20
LGATE
Low-side MOSFET gate driver output. Connect to the gate terminal of the low-side MOSFET of the converter.
21
PHASE
Return path for the UGATE high-side MOSFET driver, and zero inductor current detector input for diode emulation.
22
UGATE
High-side MOSFET gate driver output. Connect to the gate terminal of the high-side MOSFET of the converter.
23
BOOT
Positive input supply for the UGATE high-side MOSFET gate driver. Connect an MLCC (0.22µF, X7R) between BOOT and
PHASE pins.
24
PVCC
Output of the 5V LDO and input for the LGATE and UGATE MOSFET driver circuits. Place a high quality low ESR ceramic
capacitor (4.7μF, X7R) in close proximity to the pin.
25
GND PAD Return of logic bias supply VCC. Connect directly to system ground plane with at least 5 vias.
Functional Pin Descriptions (Continued)
PIN NUMBER
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL68200IRZ
ISL 68200I
-40 to +85
24 Ld 4x4 QFN
L24.4x4C
ISL68200DEMO1Z
20A Demonstration Board with on-board transient
NOTES:
1. Add “-T” suffix for 6k units, “-T7A” = suffix for 250 units and “-TK” for 1k units. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information page for ISL68200. For more information on MSL please see techbrief TB363.


Similar Part No. - ISL68200IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68200IRZ RENESAS-ISL68200IRZ Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM
More results

Similar Description - ISL68200IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68200 RENESAS-ISL68200 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
logo
Intersil Corporation
ISL68201 INTERSIL-ISL68201 Datasheet
770Kb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller
March 7, 2016
logo
Renesas Technology Corp
ISL6369 RENESAS-ISL6369 Datasheet
164Kb / 2P
   Green Hybrid Digital Dual Enable 61 Phase PWM Controller With SMBus/PMBus/I2C and AUTO Phase
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
   Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
logo
Analog Devices
DC1613A AD-DC1613A Datasheet
309Kb / 8P
   I2C/SMBUS/PMBUS Controller
logo
Intersil Corporation
ISL8601 INTERSIL-ISL8601 Datasheet
99Kb / 4P
   Single-Phase, PMBus-Enabled PWM Controller with Integrated FET Drivers
logo
Richtek Technology Corp...
RTQ8826 RICHTEK-RTQ8826 Datasheet
3Mb / 78P
   Single Rail 6-Phase PWM Controller with PMBus
September 2022
logo
Intersil Corporation
ISL78229 INTERSIL-ISL78229 Datasheet
1Mb / 71P
   2-Phase Boost Controller with Drivers and I2C/PMBus
February 12, 2016
logo
Renesas Technology Corp
ISL78229 RENESAS-ISL78229 Datasheet
3Mb / 73P
   2-Phase Boost Controller with Drivers and I2C/PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com