Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8-16AC Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATMEGA8-16AC
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
Download  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8-16AC Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATMEGA8-16AC Datasheet HTML 53Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 54Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 55Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 56Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 57Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 58Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 59Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 60Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 303 page
background image
57
ATmega8(L)
2486M–AVR–12/03
inverting Oscillator amplifier. In this mode, a crystal Oscillator is connected to this pin,
and the pin can not be used as an I/O pin.
If PB6 is used as a clock pin, DDB6, PORTB6 and PINB6 will all read 0.
• SCK – Port B, Bit 5
SCK: Master Clock output, Slave Clock input pin for SPI channel. When the SPI is
enabled as a Slave, this pin is configured as an input regardless of the setting of DDB5.
When the SPI is enabled as a Master, the data direction of this pin is controlled by
DDB5. When the pin is forced by the SPI to be an input, the pull-up can still be con-
trolled by the PORTB5 bit.
• MISO – Port B, Bit 4
MISO: Master Data input, Slave Data output pin for SPI channel. When the SPI is
enabled as a Master, this pin is configured as an input regardless of the setting of
DDB4. When the SPI is enabled as a Slave, the data direction of this pin is controlled by
DDB4. When the pin is forced by the SPI to be an input, the pull-up can still be con-
trolled by the PORTB4 bit.
• MOSI/OC2 – Port B, Bit 3
MOSI: SPI Master Data output, Slave Data input for SPI channel. When the SPI is
enabled as a Slave, this pin is configured as an input regardless of the setting of DDB3.
When the SPI is enabled as a Master, the data direction of this pin is controlled by
DDB3. When the pin is forced by the SPI to be an input, the pull-up can still be con-
trolled by the PORTB3 bit.
OC2, Output Compare Match Output: The PB3 pin can serve as an external output for
the Timer/Counter2 Compare Match. The PB3 pin has to be configured as an output
(DDB3 set (one)) to serve this function. The OC2 pin is also the output pin for the PWM
mode timer function.
•SS/OC1B – Port B, Bit 2
SS: Slave Select input. When the SPI is enabled as a Slave, this pin is configured as an
input regardless of the setting of DDB2. As a Slave, the SPI is activated when this pin is
driven low. When the SPI is enabled as a Master, the data direction of this pin is con-
trolled by DDB2. When the pin is forced by the SPI to be an input, the pull-up can still be
controlled by the PORTB2 bit.
OC1B, Output Compare Match output: The PB2 pin can serve as an external output for
the Timer/Counter1 Compare Match B. The PB2 pin has to be configured as an output
(DDB2 set (one)) to serve this function. The OC1B pin is also the output pin for the PWM
mode timer function.
• OC1A – Port B, Bit 1
OC1A, Output Compare Match output: The PB1 pin can serve as an external output for
the Timer/Counter1 Compare Match A. The PB1 pin has to be configured as an output
(DDB1 set (one)) to serve this function. The OC1A pin is also the output pin for the PWM
mode timer function.
• ICP1 – Port B, Bit 0
IC P1 – Input Capture P in: The PB 0 pin can act as a n Input Capture Pin for
Timer/Counter1.
Table 23 and Table 24 relate the alternate functions of Port B to the overriding signals
shown in Figure 25 on page 54. SPI MSTR INPUT and SPI SLAVE OUTPUT constitute
the MISO signal, while MOSI is divided into SPI MSTR OUTPUT and SPI SLAVE
INPUT.


Similar Part No. - ATMEGA8-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8-16AC ATMEL-ATMEGA8-16AC Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8-16AC ATMEL-ATMEGA8-16AC Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
   8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_08 Datasheet
4Mb / 308P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_09 Datasheet
485Kb / 19P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_1 Datasheet
6Mb / 307P
   8-bit with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com