Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8-16AC Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATMEGA8-16AC
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
Download  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8-16AC Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATMEGA8-16AC Datasheet HTML 20Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 21Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 22Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 23Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 24Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 25Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 26Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 27Page - ATMEL Corporation ATMEGA8-16AC Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 303 page
background image
24
ATmega8(L)
2486M–AVR–12/03
Asynchronous Timer Clock –
clk
ASY
The Asynchronous Timer clock allows the Asynchronous Timer/Counter to be clocked
directly from an external 32 kHz clock crystal. The dedicated clock domain allows using
this Timer/Counter as a real-time counter even when the device is in sleep mode. The
Asynchronous Timer/Counter uses the same XTAL pins as the CPU main clock but
requires a CPU main clock frequency of more than four times the Oscillator frequency.
Thus, asynchronous operation is only available while the chip is clocked on the Internal
Oscillator.
ADC Clock – clk
ADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and
I/O clocks in order to reduce noise generated by digital circuitry. This gives more accu-
rate ADC conversion results.
Clock Sources
The device has the following clock source options, selectable by Flash Fuse Bits as
shown below. The clock from the selected source is input to the AVR clock generator,
and routed to the appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
The various choices for each clocking option is given in the following sections. When the
CPU wakes up from Power-down or Power-save, the selected clock source is used to
time the start-up, ensuring stable Oscillator operation before instruction execution starts.
When the CPU starts from reset, there is as an additional delay allowing the power to
reach a stable level before commencing normal operation. The Watchdog Oscillator is
used for timing this real-time part of the start-up time. The number of WDT Oscillator
cycles used for each time-out is shown in Table 3. The frequency of the Watchdog
Oscillator is voltage dependent as shown in “ATmega8 Typical Characteristics”. The
device is shipped with CKSEL = “0001” and SUT = “10” (1 MHz Internal RC Oscillator,
slowly rising power).
Table 2. Device Clocking Options Select
(1)
Device Clocking Option
CKSEL3..0
External Crystal/Ceramic Resonator
1111 - 1010
External Low-frequency Crystal
1001
External RC Oscillator
1000 - 0101
Calibrated Internal RC Oscillator
0100 - 0001
External Clock
0000
Table 3. Number of Watchdog Oscillator Cycles
Typical Time-out (VCC = 5.0V)
Typical Time-out (VCC = 3.0V)
Number of Cycles
4.1 ms
4.3 ms
4K (4,096)
65 ms
69 ms
64K (65,536)


Similar Part No. - ATMEGA8-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8-16AC ATMEL-ATMEGA8-16AC Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8-16AC ATMEL-ATMEGA8-16AC Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
   8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_08 Datasheet
4Mb / 308P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_09 Datasheet
485Kb / 19P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_1 Datasheet
6Mb / 307P
   8-bit with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com