Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL72028SEHVX Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL72028SEHVX
Description  3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL72028SEHVX Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL72028SEHVX Datasheet HTML 6Page - Intersil Corporation ISL72028SEHVX Datasheet HTML 7Page - Intersil Corporation ISL72028SEHVX Datasheet HTML 8Page - Intersil Corporation ISL72028SEHVX Datasheet HTML 9Page - Intersil Corporation ISL72028SEHVX Datasheet HTML 10Page - Intersil Corporation ISL72028SEHVX Datasheet HTML 11Page - Intersil Corporation ISL72028SEHVX Datasheet HTML 12Page - Intersil Corporation ISL72028SEHVX Datasheet HTML 13Page - Intersil Corporation ISL72028SEHVX Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISL72028SEH
10
FN8764.1
November 9, 2015
Submit Document Feedback
Functional Description
Overview
The Intersil ISL72028SEH is a 3.3V radiation tolerant CAN
transceiver that is compatible with the ISO11898-2 standard for
use in CAN (Controller Area Network) serial communication
systems.
The device performs transmit and receive functions between the
CAN controller and the CAN differential bus. It can transmit and
receive at bus speeds of up to 1Mbps. It is designed to operate
over a common-mode range of -7V to +12V with a maximum of
120 nodes. The device is capable of withstanding ±20V on the
CANH and CANL bus pins outside of ion beam and ±16V under
ion beam.
Slope Adjustment
The output driver rise and fall time has three distinct selections
that may be chosen by using a resistor from the RS pin to GND.
Connecting the RS pin directly to GND results in output switching
times that are the fastest, limited only by the drive capability of
the output stage. RS = 10kΩ provides for a typical slew rate of
8V/µs and RS = 50kΩ provides for a typical slew rate of 4V/µs.
Putting a high logic level to the RS pin places the device in a low
power shutdown mode. The protocol controller uses this mode to
switch between low power shutdown mode and normal transmit
mode.
Cable Length
The device can work per ISO11898 specification with a 40m
cable and stub length of 0.3m and 60 nodes at 1Mbps. This is
greater than the ISO requirement of 30 nodes. The cable type
specified is twisted pair (shielded or unshielded) with a
characteristic impedance of 120Ω. Resistors equal to this are to
be terminated at both ends of the cable. Stubs should be kept as
short as possible to prevent reflections.
Cold Spare
High reliability system designers implementing data
communications have to be sensitive to the potential for single
point failures. To mitigate the risk of a failure, they will use
redundant bus transceivers in parallel. In this arrangement, both
active and quiescent devices can be present simultaneously on
the bus. The quiescent devices are powered down for cold spare
and do not affect the communication of the other active nodes.
To achieve this, a powered down transceiver (VCC < 200mV) has
a resistance between the VREF pin or the CANH pin or CANL pin
and the VCC supply rail of >480kΩ (max) with a typical resistance
>2MΩ. The resistance between CANH and CANL of a
powered-down transceiver has a typical resistance of 80kΩ.
Low Power Shutdown Mode
When a high level is applied to the RS pin, the device enters the
low power shutdown mode in which the driver and receiver are
switched off to conserve power. The bus pins are at High Z and R
pin will be at logic high. In low power shutdown the transceiver
draws 50µA (max) of current.
A low level on the RS pin brings the device back to operation.
Using 3.3V Devices in 5V Systems
Looking at the differential voltage of both the 3.3V and 5V
devices, the differential voltage is the same, the recessive
common-mode output is the same. The dominant
common-mode output voltage is slightly lower than the 5V
counterparts. The receiver specs are also the same. Though the
electrical parameters appear compatible, it is advised that
necessary system testing be performed to verify interchangeable
operation.
Split Mode Termination
The VREF pin provides a VCC/2 output voltage for split mode
termination. The VREF pin has the same ESD protection, short
circuit protection and common-mode operating range as the bus
pins.
The split mode termination technique is shown in Figure 19.
It is used to stabilize the bus voltage at VCC/2 and prevent it from
drifting to a high common-mode voltage during periods of
inactivity. The technique improves the electromagnetic
compatibility of a network. The split mode termination is put at
each end of the bus.
The CL capacitor between the two 60Ω resistors, filters unwanted
high frequency noise to ground. The resistors should have a
tolerance of 1% or better and the two resistors should be
carefully matched to provide the most effective EMI immunity. A
typical value of CL for a high speed CAN network is 4.7nF, which
generates a 3dB point at 1.1Mbps. The capacitance value used is
dependent on the signaling rate of the network.
FIGURE 19. SPLIT TERMINATION
NODE
#1
NODE
#n
CANH
CANL
VREF
VREF
CL
CL
NODE
#2
60Ω
60Ω
60Ω
60Ω


Similar Part No. - ISL72028SEHVX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL72028SEHVX RENESAS-ISL72028SEHVX Datasheet
979Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
August 16, 2016
More results

Similar Description - ISL72028SEHVX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL72027SEH INTERSIL-ISL72027SEH Datasheet
863Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
November 9, 2015
logo
Renesas Technology Corp
ISL72028BSEH RENESAS-ISL72028BSEH Datasheet
1Mb / 20P
   3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output
November 30, 2016
ISL72028SEH RENESAS-ISL72028SEH Datasheet
979Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
August 16, 2016
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
   3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
ISL72027SEH RENESAS-ISL72027SEH Datasheet
990Kb / 19P
   3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
logo
Maxim Integrated Produc...
MAX3051 MAXIM-MAX3051 Datasheet
191Kb / 13P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
MAX3051 MAXIM-MAX3051_15 Datasheet
651Kb / 12P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
Rev 3; 2/15
MAX3051 MAXIM-MAX3051_V01 Datasheet
719Kb / 13P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
19-3274; Rev 5; 9/18
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com