Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78235R5668 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL78235R5668
Description  Automotive 5A Synchronous Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78235R5668 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL78235R5668 Datasheet HTML 2Page - Intersil Corporation ISL78235R5668 Datasheet HTML 3Page - Intersil Corporation ISL78235R5668 Datasheet HTML 4Page - Intersil Corporation ISL78235R5668 Datasheet HTML 5Page - Intersil Corporation ISL78235R5668 Datasheet HTML 6Page - Intersil Corporation ISL78235R5668 Datasheet HTML 7Page - Intersil Corporation ISL78235R5668 Datasheet HTML 8Page - Intersil Corporation ISL78235R5668 Datasheet HTML 9Page - Intersil Corporation ISL78235R5668 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL78235R5668
6
FN8769.1
January 21, 2016
Submit Document Feedback
Absolute Maximum Ratings (Reference to GND)
Thermal Information
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.8V (DC) or 7V (20ms)
EN, FS, PG, SYNC, VFB . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VIN + 0.3V
PHASE . . . . . . . . . . . . -1.5V (100ns)/-0.3V (DC) to 6.5V (DC) or 7V (20ms)
COMP, SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.7V
ESD Rating
Human Body Model (Tested per AEC-Q100-002) . . . . . . . . . . . . . . . . 5kV
Machine Model (Tested per AEC-Q100-003). . . . . . . . . . . . . . . . . . 300V
Charge Device Model (Tested per AEC-Q100-011) . . . . . . . . . . . . . . . 2kV
Latch-Up (Tested per AEC-Q100-004, Class II, Level A) . . . . . . . . . . 100mA
Thermal Resistance
JA (°C/W) JC (°C/W)
16 Ld TQFN Package (Notes 6, 7) . . . . . . .
43
3.5
Operating Junction Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
VIN Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Load Current Range (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 0A to 5A
Pulse Load Current (<100µs; <10% duty cycle) . . . . . . . . . . . . . . . . . . . . 8A
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7.
JC, “case temperature” location is at the center of the exposed metal pad on the package underside.
Electrical Specifications Specification limits are established at the following conditions: TA = -40°C to +85°C, VIN = 3.6V, EN = VIN,
unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply across the operating temperature range -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT
INPUT SUPPLY
VIN Undervoltage Lockout Threshold
VUVLO
Rising, no load
2.5
2.7
V
Falling, no load
2.20
2.45
V
Quiescent Supply Current
IVIN
SYNC = GND, no load at the output
47
µA
SYNC = GND, no load at the output and no
switches switching
47
60
µA
SYNC = VIN, fSW = 2MHz, no load at the output
19
25
mA
Shutdown Supply Current
ISD
SYNC = GND, VIN = 5.5V, EN = low
4
10
µA
OUTPUT REGULATION
Reference Voltage
VREF
0.594
0.600
0.606
V
VFB Bias Current
IVFB
VFB = 0.75V
0.1
µA
Line Regulation
VIN = VO + 0.5V to 5.5V (minimal 2.7V)
0.2
%/V
Soft-Start Ramp Time Cycle
SS = SGND
1
ms
Soft-Start Charging Current
ISS
VSS = 0.1V
1.7
2.1
2.5
µA
OVERCURRENT PROTECTION
Current Limit Blanking Time
tOCON
17
Clock
pulses
Overcurrent and Auto Restart Period
tOCOFF
8
SS cycle
Positive Peak Current Limit
IPLIMIT
TA = +25°C
10
12
14
A
TA = -40°C to +85°C
10
14.7
A
Peak Skip Limit
ISKIP
TA = +25°C
1.30
1.50
1.75
A
TA = -40°C to +85°C
1.30
1.82
A
Zero Cross Threshold
-275
375
mA
Negative Current Limit
INLIMIT
TA = +25°C
-5.0
-2.8
-1.3
A
TA = -40°C to +85°C
-5.0
-0.6
A


Similar Part No. - ISL78235R5668

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78235R5668 RENESAS-ISL78235R5668 Datasheet
2Mb / 21P
   Automotive 5A Synchronous Buck Regulator
More results

Similar Description - ISL78235R5668

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78235ARZ INTERSIL-ISL78235ARZ Datasheet
1Mb / 20P
   5A Automotive Synchronous Buck Regulator
July 1, 2015
logo
Renesas Technology Corp
ISL78235R5668 RENESAS-ISL78235R5668 Datasheet
2Mb / 21P
   Automotive 5A Synchronous Buck Regulator
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 23P
   5A Automotive Synchronous Buck Regulator
logo
Microsemi Corporation
NX9415 MICROSEMI-NX9415 Datasheet
582Kb / 12P
   5A SYNCHRONOUS BUCK SWITCHING REGULATOR
logo
Alpha & Omega Semicondu...
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
AOZ1037PI AOSMD-AOZ1037PI Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com