Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78229ARZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL78229ARZ
Description  2-Phase Boost Controller with Drivers and I2C/PMBus
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78229ARZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL78229ARZ Datasheet HTML 1Page - Intersil Corporation ISL78229ARZ Datasheet HTML 2Page - Intersil Corporation ISL78229ARZ Datasheet HTML 3Page - Intersil Corporation ISL78229ARZ Datasheet HTML 4Page - Intersil Corporation ISL78229ARZ Datasheet HTML 5Page - Intersil Corporation ISL78229ARZ Datasheet HTML 6Page - Intersil Corporation ISL78229ARZ Datasheet HTML 7Page - Intersil Corporation ISL78229ARZ Datasheet HTML 8Page - Intersil Corporation ISL78229ARZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
1
DATASHEET
2-Phase Boost Controller with Drivers and I2C/PMBus™
ISL78229
The ISL78229 is an automotive grade (AEC-Q100 Grade 1),
2-phase 55V synchronous boost controller intended to simplify
the design of high power boost applications. It integrates
strong half-bridge drivers, an analog/digital tracking input,
comprehensive protection functions and a PMBus™ interface
for added control and telemetry.
ISL78229 enables a simple, modular design for systems
requiring power and thermal scalability. It offers peak-current
mode control for fast line response and simple compensation.
Its synchronous 2-phase architecture enables it to support
higher current while reducing the size of input and output
capacitors. The integrated drivers feature programmable
adaptive dead time control offering flexibility in power stage
design. ISL78229 offers a 90°output clock and supports 1-,
2- and 4-phases.
ISL78229 offers a highly robust solution for the most
demanding environments. Its unique soft-start control
prevents large negative current even in extreme cases, such as
a restart under high output prebias on high volume
capacitances. It also offers two levels of cycle-by-cycle
overcurrent protection, average current limiting, input OVP,
output UVP/OVP and internal OTP. A thermistor input is
provided for external OTP for the power-stage elements. In the
event of a fault, the ISL78229 offers individually
programmable latch-off or hiccup recovery for each fault type.
Also integrated are several functions that ease system design.
A unique tracking input is available that can control the output
voltage, allowing it to track either a digital duty cycle (PWM)
signal or an analog reference. ISL78229 provides input
average current limiting so the system can deliver transient
bursts of high load current while limiting the average current to
avoid overheating. Finally, the ISL78229 PMBus™ interface
provides fault reporting, telemetry and system control to
support functional safety qualification.
Features
• Input/output voltage range: 5V to 55V, withstands 60V
transients
• Supports synchronous or standard boost topology
• Peak current mode control with adjustable slope
compensation
• Secondary average current control loop
• Integrated 5V 2A sourcing/3A sinking N-channel MOSFET
drivers
• Switching frequency: 50kHz to 1.1MHz per phase
• External synchronization
• Programmable minimum duty cycle
• Programmable adaptive dead time control
• Optional diode emulation and phase dropping
• PWM and analog track function
• Forced PWM operation with negative current limiting and
protection
• Comprehensive protection/fault reporting
• Selectable hiccup or latch-off fault response
•I2C/PMBus™ compatible digital interface
• AEC-Q100 qualified, Grade 1: -40°C to +125°C
• 6mmx6mm 40 Ld WFQFN (Wettable Flank QFN) package
Applications
• Automotive power system (e.g., 12V to 24V, 12V to 48V, etc.)
- Trunk audio amplifier
- Start-stop system
- Automotive boost applications
• Industrial and telecommunication power supplies
FIGURE 1. SIMPLIFIED APPLICATION SCHEMATIC, 2-PHASE
SYNCHRONOUS BOOST
FIGURE 2. EFFICIENCY CURVES, VIN = 12V, TA = +25°C
ISL78229
BOOT1
PH1
NTC
FB
VOUT
LG1
CLKOUT
PGOOD
UG1
BOOT2
PH2
LG2
UG2
SS
VIN
EN
TRACK
SDA
SCL
SALERT
PMBus
EN_IC
ISEN1N
ISEN1P
ISEN2N
ISEN2P
COMP
RSEN1
RSEN2
POWER-GOOD
CLOCK_OUT
PVCC
VIN
VIN
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
LOAD CURRENT (A)
VO = 18V
VO = 36V
VO = 24V
NOTE: (See Typical Application in Figure 4 on page 8.)
February 12, 2016
FN8656.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2015, 2016. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL78229ARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78229ARZ INTERSIL-ISL78229ARZ Datasheet
1Mb / 43P
   2-Phase Boost Controller with Integrated Drivers
February 24, 2016
logo
Renesas Technology Corp
ISL78229ARZ RENESAS-ISL78229ARZ Datasheet
3Mb / 73P
   2-Phase Boost Controller with Drivers and I2C/PMBus
More results

Similar Description - ISL78229ARZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78229 RENESAS-ISL78229 Datasheet
3Mb / 73P
   2-Phase Boost Controller with Drivers and I2C/PMBus
ISL78227 RENESAS-ISL78227 Datasheet
4Mb / 45P
   2-Phase Boost Controller with Integrated Drivers
Oct 22, 2021
logo
Intersil Corporation
ISL78227 INTERSIL-ISL78227 Datasheet
1Mb / 43P
   2-Phase Boost Controller with Integrated Drivers
February 24, 2016
logo
Analog Devices
DC1613A AD-DC1613A Datasheet
309Kb / 8P
   I2C/SMBUS/PMBUS Controller
logo
Intersil Corporation
ISL8601 INTERSIL-ISL8601 Datasheet
99Kb / 4P
   Single-Phase, PMBus-Enabled PWM Controller with Integrated FET Drivers
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Renesas Technology Corp
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
logo
Analog Devices
LTC7841 AD-LTC7841 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
logo
Richtek Technology Corp...
RTQ8825 RICHTEK-RTQ8825 Datasheet
3Mb / 73P
   Dual Rail 32-Phase PWM Controller with PMBus
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com