Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV050L Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI90LV050L
Description  3.3V LVDS High-Speed Differential Line Drivers and Receivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV050L Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI90LV050L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
5
PS8539
05/01/01
PI90LV179/PI90LV180/
PI90LV050/PI90LV051
3.3V LVDS High-Speed Differential Line Drivers and Receivers
r
e
t
e
m
a
r
a
P
s
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T
.
x
a
Ms
t
i
n
U
t H
L
P
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
h
-
o
t
-
w
o
l
,
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
CL
F
p
0
1
=
6
e
r
u
g
i
F
e
e
S
9
.
19
.
2
s
n
t L
H
P
t
u
p
t
u
o
l
e
v
e
l
-
w
o
l
-
o
t
-
h
g
i
h
l
,
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
1
.
21
.
3
t
)
p
(
k
s
t
(
w
e
k
s
e
s
l
u
P
L
H
P
t
H
L
P
)1
.
04
.
0
t
*
*
)
p
p
(
k
s
*
*
w
e
k
s
t
r
a
p
-
t
r
a
p
-
t
r
a
P
3
.
1
t
)
o
(
k
s
w
e
k
s
l
e
n
n
a
h
c
-
o
t
-
l
e
n
n
a
h
C
0
50
0
1s
p
tr
e
m
i
t
e
s
i
r
l
a
n
g
i
s
t
u
p
t
u
O
2
.
17
.
1
s
n
tf
e
m
i
t
l
l
a
f
l
a
n
g
i
s
t
u
p
t
u
O
4
.
10
.
2
t H
Z
P
t
u
p
t
u
o
e
c
n
a
d
e
p
m
i
-
h
g
i
h
-
o
t
-
l
e
v
e
l
-
h
g
i
h
,
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
7
e
r
u
g
i
F
e
e
S
5
.
17
.
2
t L
Z
P
t
u
p
t
u
o
e
c
n
a
d
e
p
m
i
-
w
o
l
-
o
t
-
l
e
v
e
l
-
w
o
l
,
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
5
.
48
.
6
t Z
H
P
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
h
-
o
t
-
e
c
n
a
d
e
p
m
i
-
h
g
i
h
,
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
4
.
21
.
3
t Z
L
P
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
h
-
o
t
-
e
c
n
a
d
e
p
m
i
-
w
o
l
,
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
0
.
68
.
7
Receiver Switching Characteristics (over recommended operating conditions unless otherwise noted).
†All typical values are at 25°C with a 3.3V supply
**tsk(pp): magnitude of difference in propagation delay times between any specific terminals of two devices (all things being equal)
DIN
VOD
II
DOD+
VOC
VOD+
VOD+VOD+
2
VOD–
VI
DOUT+
DOUT–
Driver
DEN
Parameter Measurement Information
Figure 1. Driver Voltage and Current Definitions


Similar Part No. - PI90LV050L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LV017A PERICOM-PI90LV017A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AUE PERICOM-PI90LV017AUE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AWE PERICOM-PI90LV017AWE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV018A PERICOM-PI90LV018A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
More results

Similar Description - PI90LV050L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB179 PERICOM-PI90LVB179 Datasheet
230Kb / 14P
   3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com