Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL72027SEHVF Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL72027SEHVF
Description  3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL72027SEHVF Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL72027SEHVF Datasheet HTML 5Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 6Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 7Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 8Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 9Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 10Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 11Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 12Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL72027SEH
9
FN8763.1
November 9, 2015
Submit Document Feedback
FIGURE 16A. TOTAL LOOP DELAY TEST CIRCUIT
FIGURE 16B. TOTAL LOOP DELAY MEASUREMENT POINTS
FIGURE 16. TOTAL LOOP DELAY
FIGURE 17A. LISTEN TO VALID DOMINANT TIME CIRCUIT
FIGURE 17B. LISTEN TO VALID DOMINANT TIME MEASUREMENT
POINTS
FIGURE 17. LISTEN TO VALID DOMINANT TIME
FIGURE 18A. OUTPUT SHORT-CIRCUIT CURRENT CIRCUIT
FIGURE 18B. OUTPUT SHORT-CIRCUIT CURRENT WAVEFORMS
FIGURE 18. OUTPUT SHORT-CIRCUIT
Test Circuits and Waveforms (Continued)
0Ω,10kΩ,50kΩ
60Ω
CAN H
CAN L
GND
RS
VREF
D
R
VO
VIN
15pF ±20%
VIN = 125kHz, Duty Cycle 50%, tr = tf ≤ 6ns
±1%
FLOAT
t(LOOP2)
50%
50%
50%
50%
t(LOOP1)
VIN
VO
VCC
0V
VOH
VOL
D
VREF
RS
R
CAN_L
CAN_H
GND
VOD
60Ω
VIN
15pF ±20%
FLOAT
±1%
VO
VIN = 125kHz, 0V to VCC, Duty Cycle 50%, tr = tf ≤ 6ns
50%
VIN
VO
VCC
0V
VOH
VOL
t L - DOM
50%
D
CANH
CANL
GND
GND
+
-
VIN = -7V
OR 12V
IO(SRT)
IO(SRT)
|IO(SRT)|
0A
0V
VIN
VIN
12V
-7V
10ms


Similar Part No. - ISL72027SEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL72027SEHVF RENESAS-ISL72027SEHVF Datasheet
990Kb / 19P
   3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
More results

Similar Description - ISL72027SEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
logo
Renesas Technology Corp
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
   3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
ISL72027SEH RENESAS-ISL72027SEH Datasheet
990Kb / 19P
   3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
logo
Intersil Corporation
ISL72028SEH INTERSIL-ISL72028SEH Datasheet
846Kb / 19P
   3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
   3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
   3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026SEH RENESAS-ISL72026SEH Datasheet
992Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
August 16, 2016
ISL72028BSEH RENESAS-ISL72028BSEH Datasheet
1Mb / 20P
   3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output
November 30, 2016
ISL72028SEH RENESAS-ISL72028SEH Datasheet
979Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
August 16, 2016
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com